Electronic Components Datasheet Search
  English  ▼

X  

INA229 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA229 Datasheet HTML 26Page - Texas Instruments INA229 Datasheet HTML 27Page - Texas Instruments INA229 Datasheet HTML 28Page - Texas Instruments INA229 Datasheet HTML 29Page - Texas Instruments INA229 Datasheet HTML 30Page - Texas Instruments INA229 Datasheet HTML 31Page - Texas Instruments INA229 Datasheet HTML 32Page - Texas Instruments INA229 Datasheet HTML 33Page - Texas Instruments INA229 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
• 13107.2 x 10e6 is an internal fixed value used to ensure scaling is maintained properly
CURRENT_LSB =
Maximum Expected Current
2
19
(3)
Note that the current is calculated following a shunt voltage measurement based on the value set in the
SHUNT_CAL register. If the value loaded into the SHUNT_CAL register is zero, the current value reported
through the CURRENT register is also zero.
After programming the SHUNT_CAL register with the calculated value, the measured current in Amperes can be
read from the CURRENT register. The final value is scaled by CURRENT_LSB and calculated in Equation 4:
Current [A] = CURRENT_LSB x CURRENT
(4)
where
• CURRENT is the value read from the CURRENT register
The power value can be read from the POWER register as a 24-bit value and converted to Watts by using
Equation 5:
Power [W] = 3.2 x CURRENT_LSB x POWER
(5)
where
• POWER is the value read from the POWER register.
• CURRENT_LSB is the lsb size of the current calculation as defined by Equation 3.
The energy value can be read from the ENERGY register as a 40-bit unsigned value in Joules units. The energy
value in Joules is converted by using Equation 6:
Energy [J] = 16 x 3.2 x CURRENT_LSB x ENERGY
(6)
The charge value can be read from the CHARGE register as a 40-bit, two's complement value in Coulombs. The
charge value in Coulomb is converted by using Equation 7:
Charge [C] = CURRENT_LSB x CHARGE
(7)
where
• CHARGE is the value read from the CHARGE register.
• CURRENT_LSB is the lsb size of the current calculation as described in Equation 3.
Upon overflow, the ENERGY and CHARGE registers will roll over and start from zero. The register values can
also be reset at any time by setting the RSTACC bit in the CONFIG register.
For a design example using these equations refer to Section 8.2.2.
8.1.3 ADC Output Data Rate and Noise Performance
The INA229 noise performance and effective resolution depend on the ADC conversion time. The device also
supports digital averaging which can further help decrease digital noise. The flexibility of the device to select
INA229
SLYS023 – DECEMBER 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com