Electronic Components Datasheet Search
  English  ▼

X  

INA229 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA229 Datasheet HTML 14Page - Texas Instruments INA229 Datasheet HTML 15Page - Texas Instruments INA229 Datasheet HTML 16Page - Texas Instruments INA229 Datasheet HTML 17Page - Texas Instruments INA229 Datasheet HTML 18Page - Texas Instruments INA229 Datasheet HTML 19Page - Texas Instruments INA229 Datasheet HTML 20Page - Texas Instruments INA229 Datasheet HTML 21Page - Texas Instruments INA229 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Shunt Voltage
Temperature
Bus Voltage
ALERT
(ALATCH = 0)
(APOL = 0)
(CNVR = 1)
Power
Shunt Over Voltage Threshold
Bus Under Voltage Threshold
Over Temp Threshold
Power Over Limit Threshold
BUV
SET
SOV
SET
BUV
CLEAR
SOV
&
BUV
SET
SOV
CLEAR
BUV
&
OT
SET
BUV
&
OT
&
OP
SET
- No diag. error -
Conversion Complete
Reported
Figure 7-6. Multi-Alert Configuration
7.4 Device Functional Modes
7.4.1 Shutdown Mode
In addition to the two conversion modes (continuous and triggered), the device also has a shutdown mode
(selected by the MODE bits in ADC_CONFIG register) that reduces the quiescent current to less than 5 µA and
turns off current into the device inputs, reducing the impact of supply drain when the device is not being used.
The registers of the device can be written to and read from while the device is in shutdown mode. The device
remains in shutdown mode until another triggered conversion command or continuous conversion command is
received.
The device can be triggered to perform conversions while in shutdown mode. When a conversion is triggered,
the ADC will start conversion; once conversion completes the device will return to the shutdown state.
Note that the shutdown current is specified with an inactive communications bus. Active clock and data activity
will increase the current consumption as a function of the bus frequency as shown in Figure 6-23.
7.4.2 Power-On Reset
Power-on reset (POR) is asserted when VS drops below 1.26V (typical) at which all of the registers are reset to
their default values. A manual device reset can be initiated by setting the RST bit in the CONFIG register. The
default power-up register values are shown in the reset column for each register description. Links to the register
descriptions are shown in Section 7.6.
7.5 Programming
7.5.1 Serial Interface
The primary communication between the INA229 and the external MCU is through the SPI bus, which provides
full-duplex communications in a main-secondary configuration. The external MCU is always the primary or main
SPI device, sending command requests on the MOSI pin, and receiving device responses on the MISO pin. The
INA229 is always an SPI secondary device, receiving command requests and sending responses (status,
measured values) to the external MCU over the MISO pin.
• SPI is a 4-pin interface with pins as:
– CS - SPI Chip Select (input)
– SCLK - SPI Clock (input)
– MOSI - SPI Secondary In / Main Out data (input)
INA229
SLYS023 – DECEMBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com