Electronic Components Datasheet Search
  English  ▼

X  

INA229 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA229 Datasheet HTML 30Page - Texas Instruments INA229 Datasheet HTML 31Page - Texas Instruments INA229 Datasheet HTML 32Page - Texas Instruments INA229 Datasheet HTML 33Page - Texas Instruments INA229 Datasheet HTML 34Page - Texas Instruments INA229 Datasheet HTML 35Page - Texas Instruments INA229 Datasheet HTML 36Page - Texas Instruments INA229 Datasheet HTML 37Page - Texas Instruments INA229 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
IN+
IN-
VBUS
VS
SCLK
MOSI
MISO
CS
ALERT
GND
R
SHUNT
48 V
BATT
GND
10 k
100 nF
V
S
SPI
I/F
LOAD
CHARGER
V
S = 2.7 V to 5.5 V
To
MCU
Figure 8-2. INA229 High-Side Sensing Application Diagram
8.2.1 Design Requirements
The INA229 measures the voltage developed across a current-sensing resistor (RSHUNT) when current passes
through it. The device also measures the bus supply voltage and calculates power when calibrated. It also
comes with alert capability, where the alert pin can be programmed to respond to a user-defined event or a
conversion ready notification.
The design requirements for the circuit shown in Figure 8-2 are listed in Table 8-3.
Table 8-3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
5 V
Bus supply rail (VCM)
48 V
Bus supply rail over voltage fault threshold
52 V
Average Current
6 A
Overcurrent fault threshold (IMAX)
10 A
ADC Range Selection (VSENSE_MAX)
±163.84 mV
Temperature
25 ºC
Charge Accumulation Period
1 hour
8.2.2 Detailed Design Procedure
8.2.2.1 Shunt resistor selection
Using values from Table 8-3, the maximum value of the shunt resistor is calculated based on the value of the
maximum current to be sensed (IMAX) and the maximum allowable sense voltage (VSENSE_MAX) for the chosen
ADC range. When operating at the maximum current, the differential input voltage must not exceed the
maximum full scale range of the device, VSENSE_MAX. Using Equation 8 for the given design parameters, the
maximum value for RSHUNT is calculated to be 16.38 mΩ. The closest standard resistor value that is smaller than
the maximum calculated value is 16.2 mΩ. Also keep in mind that RSHUNT must be able to handle the power
dissipated across it in the maximum load condition.
RSHUNT <
VSENSE_MAX
IMAX
(8)
8.2.2.2 Configure the Device
The first step to program the INA229 is to properly set the device and ADC configuration registers. On initial
power up the CONFIG and ADC_CONFIG registers are set to the reset values as shown in Table 7-5 and Table
7-6. In this default power on state the device is set to measured on the +/- 163.84 mV range with the ADC
INA229
SLYS023 – DECEMBER 2020
www.ti.com
34
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com