Electronic Components Datasheet Search
  English  ▼

X  

3550B Datasheet(PDF) 4 Page - 3M Electronics

Part # 3550B
Description  Scotch-WeldTM Structural Void Filling Compound
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3550B Datasheet(HTML) 4 Page - 3M Electronics

  3550B Datasheet HTML 1Page - 3M Electronics 3550B Datasheet HTML 2Page - 3M Electronics 3550B Datasheet HTML 3Page - 3M Electronics 3550B Datasheet HTML 4Page - 3M Electronics 3550B Datasheet HTML 5Page - 3M Electronics 3550B Datasheet HTML 6Page - 3M Electronics 3550B Datasheet HTML 7Page - 3M Electronics 3550B Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3M™ Scotch-Weld™
Structural Void Filling Compound 3550 B/A FST
Technical Datasheet
Typical Product Performance (continued)
Note: The following technical information and data should be considered representative or typical only and should
not be used for specification purposes. The following mechanical and physical data is based on Scotch-Weld
3550 B/A FST Compound.
Sample
Weight
Enthalpy
Onset
Peak
1st glass
1st glass
2nd glass
2nd glass
(mg)
∆ H
max
Transition
Transition
Transition
Transition
(half height)
(onset)
(half height)
(onset)
Fresh
6.548
218 J/g
69°C
116°C
126°F
97°F
–
–
(52°C)
(36°C)
2 days @ RT
12.367
18 - 36 J/g
n.a.
n.a.
113°F
86°F
232°F
228°F
(45°C)
(30°C)
(111°C)
(109°C)
7 days @ RT
13.643
19 - 32 J/g
n.a.
n.a.
113°F
84°F
257°F
255°F
(45°C)
(29°C)
(125°C)
(124°C)
Universal V4.5A
TA Instruments
Temperature (°C)
ExoDown
250
200
150
100
50
0
-50
0.3
0.1
-0.1
-0.3
-0.5
7 Days @ Room Temperature
2 Days @ Room Temperature
Fresh @ Room Temperature
Universal V4.5A
TA Instruments
Temperature (°C)
ExoDown
250
200
150
100
50
0
-50
0.4
0.3
0.2
0.1
7 Days @ Room Temperature
2 Days @ Room Temperature
Fresh @ Room Temperature
- 4 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com