Electronic Components Datasheet Search
  English  ▼

X  

3550B Datasheet(PDF) 5 Page - 3M Electronics

Part # 3550B
Description  Scotch-WeldTM Structural Void Filling Compound
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3550B Datasheet(HTML) 5 Page - 3M Electronics

  3550B Datasheet HTML 1Page - 3M Electronics 3550B Datasheet HTML 2Page - 3M Electronics 3550B Datasheet HTML 3Page - 3M Electronics 3550B Datasheet HTML 4Page - 3M Electronics 3550B Datasheet HTML 5Page - 3M Electronics 3550B Datasheet HTML 6Page - 3M Electronics 3550B Datasheet HTML 7Page - 3M Electronics 3550B Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3M™ Scotch-Weld™
Structural Void Filling Compound 3550 B/A FST
Technical Datasheet
- 5 -
Typical Product Performance (continued)
Note: The following technical information and data should be considered representative or typical only and should
not be used for specification purposes. The following mechanical and physical data is based on Scotch-Weld
3550 B/A FST Compound.
Mechanical Properties
Compressive strength - General
A block was prepared from approximately 7 oz (200 grams) of manually mixed low density void-filler, which
was carefully introduced into a mold with inner dimensions of approximately 2" x 2" x 8" (50 x 50 x 200 mm).
Filler block was cured 14 days at 73°F (23 ± 2°C). Individual specimens of the dimensions of 0.5" x 0.5" x 1.0"
(12.5 x 12.5 x 25.0 mm) were cut from a cured block of void-filler with an accuracy of + 0.008" (+ 0.2 mm) on
each dimension. Compression strength tests were performed. See data below.
All test temperatures were measured with a thermocouple on compression plate close to specimen (not in
direct contact on specimen due to the low thermal conductivity of the void-filler material) with an accuracy of
± 2°C. For all test temperatures except for ambient, a minimum soak time of 10 minutes was employed before
compression testing was initiated. All compression strength tests were performed using a crosshead displacement
rate of 0.02 inch/min (0.5 mm/min). All specimens were loaded with force applied to the 0.5” (12.5 mm) square
surface.
Properties
Test Method
Test
Cure Cycle of 15 days @
Temperature
Room Temperature
Typical Compressive Strength
ISO 604
-67°F (-55 ± 2°C)
6,200 psi (42.9 Mpa)
73°F (23 ± 2°C)
3,500 psi (24.3 Mpa)
176°F (80 ± 2°C)
780 psi (5.4 Mpa)
223°F (106 ± 2°C)
725 psi (5.28 Mpa)
Typical Compressive Modulus
ISO 604
-67°F (-55 ± 2°C)
180,000 psi (1,228 Mpa)
73°F (23 ± 2°C)
125,000 psi (862 Mpa)
176°F (80 ± 2°C)
13,100psi (91 Mpa)
223°F (106 ± 2°C)
13,800 psi (95 Mpa)
Filler Strength / Shear Strength
AITM 1-00046
73°F (23 ± 2°C)
480 lbf (2,145 N)
Aged Mechanical Properties Definitions:
Compressive strength after humidity and fluid immersion aging
Specimens were wiped with a paper cloth after removal from the hot wet chamber/fluid and loaded within
30 minutes.
Compressive modulus - Wet
See above for modulus calculation. Specimens were wiped with a paper cloth after removal from the hot wet
chamber/fluid and loaded within 30 minutes.
Compressive strength
Specimens were exposed to each of the required environments for a period of 48, 1000 and 2000 hours for the
“hot wet” conditioned at 158°F (70°C), 85% relative humidity. The specimens were then removed from the
aging environments, and wiped with a paper cloth prior to loading within the next 30 minutes.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com