Electronic Components Datasheet Search
  English  ▼

X  

3550B Datasheet(PDF) 6 Page - 3M Electronics

Part # 3550B
Description  Scotch-WeldTM Structural Void Filling Compound
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3550B Datasheet(HTML) 6 Page - 3M Electronics

  3550B Datasheet HTML 1Page - 3M Electronics 3550B Datasheet HTML 2Page - 3M Electronics 3550B Datasheet HTML 3Page - 3M Electronics 3550B Datasheet HTML 4Page - 3M Electronics 3550B Datasheet HTML 5Page - 3M Electronics 3550B Datasheet HTML 6Page - 3M Electronics 3550B Datasheet HTML 7Page - 3M Electronics 3550B Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3M™ Scotch-Weld™
Structural Void Filling Compound 3550 B/A FST
Technical Datasheet
Aged Mechanical Properties Definitions: (continued)
Note: The following technical information and data should be considered representative or typical only and should
not be used for specification purposes. The following mechanical and physical data is based on Scotch-Weld
3550 B/A FST Compound.
Shear strength by ejection
The test was performed according to test method AITM 1-00046. Specimens were tested at 73°F (23 ± 2°C) with
a crosshead displacement rate of 0.02 inch/ min (0.5 mm/min).
Fluid absorption
Specimens were exposed for a period of 48 hours and 1000 hours under the conditions shown in the table below
and also 200 hours for humidity exposure. The mass uptakes were followed measuring the total mass of each
specimen before and after exposures.
Weighing was performed 15+/-5 minutes @ 73°F (23 ± 2°C) after removal from the environment.
Data:
- 6 -
Properties
Environmental
Test
Test
Average
Condition
Method
Temperature
Compressive strength
158°F (70°C), 85% RH
ISO 604
73°F (23 ± 2°C)
2,760 PSI (19.1 Mpa)
after 2000h
176°F (80 ± 2°C)
790 PSI (5.4 Mpa)
Compressive modulus
158°F (70°C), 85% RH
ISO 604
73°F (23 ± 2°C)
88,470 PSI (610 Mpa)
after 2000h
176°F (80 ± 2°C)
13,490 PSI (93 Mpa)
Fluid absorption
158°F (70°C), 85% RH
EN 3615
73°F (23 ± 2°C)
210 PSI (1.4 Mpa)
after 2000h
Compressive strength
176°F (80°C) dry
ISO 604
73°F (23 ± 2°C)
3,700 PSI (25.5 Mpa)
after 48h at condition
223°F (106°C) dry
4,000 PSI (27.6 Mpa)
158°F (70°C), 85% RH
2,690 PSI (18.5 Mpa)
73°F (23°C) Water
2,550 PSI (17.5 Mpa)
73°F (23°C) Fuel F34
3,660 PSI (25.3 Mpa)
73°F (23°C) Hydraulic Fluid
3,570 PSI (24.6 Mpa)
Fluid absorption
Water via 85% RH @ 73°F (23°C)
EN 3615
73°F (23 ± 2°C)
1%
after 48h @ RT
Water @ 73°F (23°C)
EN 2489
4%
F34 @ 73°F (23°C)
2%
Hydraulic Fluid @ 73°F (23°C)
3%
Compressive strength
176°F (80°C) dry
ISO 604
73°F (23 ± 2°C)
3,830 PSI (26.4 Mpa)
after 1000h at condition
158°F (70°C), Water via 85% RH
2,390 PSI (16.5 Mpa)
73°F (23°C) Water
720 PSI (4.95 Mpa)
73°F (23°C) Fuel F34
3,350 PSI (23.1 Mpa)
73°F (23°C) hydraulic Fluid
3,460 PSI (23.8 Mpa)
Fluid absorption
Water 85% RH @ 73°F (23°C)
EN 3615
73°F (23 ± 2°C)
2%
Water @ 73°F (23°C)
EN 2489
17%
Fuel F34 @73°F (23°C)
1.5%
Hydraulic Fluid @ 73°F (23°C)
2.7%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com