Electronic Components Datasheet Search
  English  ▼

X  

3550B Datasheet(PDF) 8 Page - 3M Electronics

Part # 3550B
Description  Scotch-WeldTM Structural Void Filling Compound
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3550B Datasheet(HTML) 8 Page - 3M Electronics

  3550B Datasheet HTML 1Page - 3M Electronics 3550B Datasheet HTML 2Page - 3M Electronics 3550B Datasheet HTML 3Page - 3M Electronics 3550B Datasheet HTML 4Page - 3M Electronics 3550B Datasheet HTML 5Page - 3M Electronics 3550B Datasheet HTML 6Page - 3M Electronics 3550B Datasheet HTML 7Page - 3M Electronics 3550B Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3M™ Scotch-Weld™
Structural Void Filling Compound 3550 B/A FST
Technical Datasheet
- 8 -
Storage
Storage Stability - Store product at 77°F (25°C) or below. Rotate stock on “first in - first out” basis.
Shelf Life
Standard shelf life for 3M™ Scotch-Weld™ Void Filling and Edge Sealing Compound SW-3550
B/A FST is 12 months from date of manufacture when stored @ 77°F (25°C) or below.
Refer to Product Label and Material Safety Data Sheet for health and safety information before
using this product. For additional health and safety information, please visit www.3M.com/msds or
call 1-800-364-3577 or (651) 737-6501.
Precautionary
Information
In the U.S., call toll free 1-800-235-2376, or fax 1-800-435-3082 or 651-737-2171. For U.S. Military,
call 1-866-556-5714. If you are outside of the U.S., please contact your nearest 3M office or one of
the following branches:
Australia
Austria
Brazil
Canada
61-2-498-9711 tel
01-86686-298 tel
55 19 3838-7876 tel
800-410-6880 ext. 6018 tel
61-2-498-9710 fax
01-86686-229 fax
55 19 3838-6892 fax
800-263-3489 fax
China
Denmark
France
Germany
86-21-62753535 tel
45-43-480100 tel
0810-331-300 tel
02131-14-2344 tel
86-21-62190698 fax
45-43-968596 fax
30-31-6195 fax
02131-14-3647 fax
Italy
Japan
Korea
Netherlands
02-7035-2177 tel
03-3709-8245 tel
02-3771-4114 tel
31-71-5-450-272 tel
02-7035-2125 fax
03-3709-8743 fax
02-786-7429 fax
31-71-5-450-280 fax
South Africa
Spain
Switzerland
United Kingdom
11-922-9111 tel
34-91-321-6000 tel
01-724-9114 tel
(0) 161-237-6174 tel
11-922-2116 fax
34-91-321-6002 fax
01-724-9068 fax
(0) 161-237-3371 fax
For Additional
Information
Warranty,
Limited Remedy,
and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product
literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time
3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR
IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION
OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED
WARRANTY OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR
USAGE OF TRADE. If the 3M product does not conform to this warranty, then the sole and exclusive
remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase price.
Limitation of
Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M
product, whether direct, indirect, special, incidental or consequential, regardless of the legal theory
asserted, including warranty, contract, negligence or strict liability.
This product was manufactured under a 3M quality standard registered under AS9100 standards.
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of
such information is not guaranteed.
Technical Information
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the
use and performance of a 3M product in a particular application. Given the variety of factors that
can affect the use and performance of a 3M product, user is solely responsible for evaluating the
3M product and determining whether it is fit for a particular purpose and suitable for user’s method
of application.
Product Use
3M and Scotch-Weld are trademarks of 3M Company.
PerkinElmer is a registered trademark of PerkinElmer.
Please recycle. Printed in U.S.A.
© 3M 2009 (3/09) All rights reserved.
78-6900-
-
3
Aerospace and Aircraft Maintenance Division
3M Center, Building 223-1N-14
St. Paul, MN 55144-1000
1-800-235-2376
www.3M.com/aerospace



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com