Electronic Components Datasheet Search
  English  ▼

X  

3550B Datasheet(PDF) 2 Page - 3M Electronics

Part # 3550B
Description  Scotch-WeldTM Structural Void Filling Compound
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3550B Datasheet(HTML) 2 Page - 3M Electronics

  3550B Datasheet HTML 1Page - 3M Electronics 3550B Datasheet HTML 2Page - 3M Electronics 3550B Datasheet HTML 3Page - 3M Electronics 3550B Datasheet HTML 4Page - 3M Electronics 3550B Datasheet HTML 5Page - 3M Electronics 3550B Datasheet HTML 6Page - 3M Electronics 3550B Datasheet HTML 7Page - 3M Electronics 3550B Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3M™ Scotch-Weld™
Structural Void Filling Compound 3550 B/A FST
Technical Datasheet
Scotch-Weld 3550 B/A FST
Scotch-Weld 3550 B/A FST
Part B or Brown
Part A or Off-white
with black spots Part B (Base)
Part A (Accelerator)
Chemistry
epoxy
modified amine
Color
brown with black spots
off- white
Typical Uncured Density
0.57 ± 0.03 g/cc
0.59 ± 0.03 g/cc
Consistency
thixotropic paste
Mix Ratio
100:50cc by volume; 100:52g by weight
Solid Content
100%
Application Method
automatic / manual
Typical Mixed Pot Life
120 min @ 73°F (23°C)
Curing Process
Room temperature 73°F (23°C); max. 176°F (80°C)
Form Stability (10g mixture)
9h @ 73°F (23°C), or 0.5h @ 176°F (80°C)
Final Strength (10g mixture)
48h @ 73°F (23°C), or 1h @ 176°F (80°C)
Volatile Loss on Cure
less than 0.1%
Slump/Sag (AITM 2-0033)
less than 0.02" (0.5mm)
Service Temperature Range
-67°F to 212°F (-55°C to 100°C)
Ejection Test (MSRR9903 n°6) @ 73°F (23°C)
940 PSI (6.5 MPa)
Packaging Units
400 ml duopack cartridge, 15l Kit, 60l Kit
Product Description & Properties
- 2 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com