Electronic Components Datasheet Search
  English  ▼

X  

3550B Datasheet(PDF) 7 Page - 3M Electronics

Part # 3550B
Description  Scotch-WeldTM Structural Void Filling Compound
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3550B Datasheet(HTML) 7 Page - 3M Electronics

  3550B Datasheet HTML 1Page - 3M Electronics 3550B Datasheet HTML 2Page - 3M Electronics 3550B Datasheet HTML 3Page - 3M Electronics 3550B Datasheet HTML 4Page - 3M Electronics 3550B Datasheet HTML 5Page - 3M Electronics 3550B Datasheet HTML 6Page - 3M Electronics 3550B Datasheet HTML 7Page - 3M Electronics 3550B Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3M™ Scotch-Weld™
Structural Void Filling Compound 3550 B/A FST
Technical Datasheet
- 7 -
Typical Product Performance (continued)
Note: The following technical information and data should be considered representative or typical only and should
not be used for specification purposes. The following mechanical and physical data is based on Scotch-Weld
3550 B/A FST Compound.
Flammability Properties
Tested according to vertical mode to F.A.R. 25.853 (a) and (d).
Properties
Test Method
Condition
Average
Target Maximum
(JAR /FAR 25.853(a)(d)
App. F Part I, V
Flammability 12sec vertical
FAR/JAR/CS
burn length
0.93" (23.5 mm)
6 inches
25.853(a) App F,
after flame
0 sec
15 sec
part I(a)(1)(ii)
drips time
0 sec
3 sec
Flammability 60sec vertical
FAR/JAR/CS
burn length
2.5" (63.4 mm)
6 inches
25.853(a) App F,
after flame
0 sec
15 sec
part I(a)(1)(ii)
drips time
0 sec
3 sec
Optical smoke density
FAR/JAR/CS
102.4 Ds max
200 Ds
Ds (4 min flaming mode)
25.853(d) App F,
part V(b)
Toxic gases emission
Airbus ABD0031
HF
< 1 ppm
100 ppm
(flaming mode)
Boeing D6-51377
HCI
< 1 ppm
150 ppm
HCN
13.0 ppm
1,000 ppm
SO2+HSS
< 10 ppm
100 ppm
CO
213.3 ppm
1,000 ppm
NO+NO2
8.3 ppm
100 ppm
Product Application
Surface Preparation:
A cleaned, dry, grease free surface is essential for maximum performance. For repeatable results the void-filler
and the surfaces should have a temperature between 68-77°F (20-25°C).
Mixing
Scotch-Weld 3550 B/A FST Compound can be mixed manually or automatically (using static mixer, minimum
18 elements, 13mm id). For repeatable performance keep mixing ratio in a range of ± 5% (100:50cc/100:52g).
Dual Cartridge application provides maximum accuracy and easy handling. Scrap the first 2 cc when using a
new mixer. For manual mixing, mix the compound until visually homogenous. From the start of mixing the work
life is 120 min (3.5 oz or 100g mixture) at 73°F (23°C). For ease of extrudability the product can be raised to a
temperature of 75°F (25°C) but not greater than 110°F (43°C). Bulk pumping & mixing equipment
recommendations are available upon request.
Curing Conditions
A minimum cure time of 48 hours at room temperature is recommended to obtain the optimum mechanical
properties of the product. Heat application accelerates the curing cycle.
Clean up of Void-Filler:
Uncured void-filler can be wiped with solvent e.g. Methylethyl-ketone (M.E.K). Cured material can be cleanly
removed mechanically.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com