Electronic Components Datasheet Search
  English  ▼

X  

3550B Datasheet(PDF) 1 Page - 3M Electronics

Part # 3550B
Description  Scotch-WeldTM Structural Void Filling Compound
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3550B Datasheet(HTML) 1 Page - 3M Electronics

  3550B Datasheet HTML 1Page - 3M Electronics 3550B Datasheet HTML 2Page - 3M Electronics 3550B Datasheet HTML 3Page - 3M Electronics 3550B Datasheet HTML 4Page - 3M Electronics 3550B Datasheet HTML 5Page - 3M Electronics 3550B Datasheet HTML 6Page - 3M Electronics 3550B Datasheet HTML 7Page - 3M Electronics 3550B Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
Scotch-WeldTM
Structural Void Filling Compound
3550 B/A FST
Product Description
3M™ Scotch-Weld™ Structural Void Filling Compound 3550 B/A FST (Fire
Smoke Toxicity) is a two-part, low-density, flame-retardant epoxy compound that
can be stored, applied, and cured at room temperature. Scotch-Weld 3550 B/A FST
Compound can be used for void-filling, edge-sealing, and complex gap-filling.
The cured material has meets FAR 25.853 (a) (d) and offers excellent water and
chemical resistance. It is designed for both metal and non metal honeycomb
sandwich constructions which are typically found in aircraft interior structures
such as galley structures, luggage bins, partition walls, lavatory structures, crew
rest compartments, seating structures, ceiling panels, doghouses, sidewall panels,
cargo bay panels, bar units, coatrooms and passenger doors. In these applications
the Scotch-Weld 3550 B/A FST Compound is used for honeycomb sandwich
structures as edge close-out, corner reinforcement, and local reinforcement for
mechanical fixation or complex gap-filling.
Material is available in 15L and 60L kits for use with bulk pumping equipment, and
also comes in cartridge form for gap-filling.
Features
• 100% solids
• Base is brown with black spots; accelerator is off-white
• Meets the flammability requirements of J.A.R./F.A.R. 25.853 (a) (d)
• Meets stand alone FST requirement
• Availability in duo-pack cartridges with static mixing nozzle or in bulk pumpable
kits
• Thixotropic properties for ease of application
• Good sag resistance
• Sandable & machinable within twelve hours at 75°F (23°C) of mixing or
1/2 hour at 175°F (80°C)
• Cures to a strong, low-density material within 48 hours at 75°F (24°C) or one
hour at 175°F (80°C)
• Service temperature of -65°F to 212°F (-55°C to 100°C)
• Seals honeycomb panel edges and provides impact resistance to panel
• Paintable
Technical Datasheet
March 2009


Similar Part No. - 3550B

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3550 LINEAR-3550 Datasheet
299Kb / 2P
MONOLITHIC DUAL PNP TRANSISTORS
logo
Vishay Siliconix
3550 VISHAY-3550 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
ASM GmbH
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
BATTERY HiTESTER
logo
Lumberg
3550 LUMBERG-3550 Datasheet
90Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
ebm-papst
3550 EBMPAPST-3550 Datasheet
423Kb / 1P
TUBEAXIAL
More results

Similar Description - 3550B

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3524 3M-EC-3524 Datasheet
90Kb / 4P
3M Scotch-WeldTM Void Filling and Edge Sealing Compound
Jun-2007
EC-3439 3M-EC-3439 Datasheet
20Kb / 4P
3M Scotch-WeldTM Void Filling Compound
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
Jun-2002
EC-3964 3M-EC-3964 Datasheet
22Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3587 3M-EC-3587 Datasheet
21Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3550 3M-EC-3550 Datasheet
175Kb / 4P
3M??Scotch-Weld??Structural Void Filling Compound
EC-3505 3M-EC-3505 Datasheet
221Kb / 5P
3M??Scotch-Weld??Structural Void Filling Compound
EC-1593 3M-EC-1593 Datasheet
26Kb / 6P
Scotch-WeldTM Structural Adhesive Primer
Aug-2001
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
May-2002
AF126 3M-AF126 Datasheet
51Kb / 15P
Scotch-WeldTM Structural Adhesive Film
Sep-2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com