Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ZSSC4151
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ZSSC4151 Datasheet HTML 1Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 2Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 3Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ZSSC4151 Datasheet
© 2016 Integrated Device Technology, Inc.
3
April 20, 2016
2
Electrical Characteristics
Important note: The absolute maximum ratings given in section 2.1 are stress ratings only. The ZSSC4151 might
not function or be operable above the recommended operating conditions. Stresses exceeding the absolute
maximum ratings might also damage the device. In addition, extended exposure to stresses above the
recommended operating conditions might affect device reliability. IDT does not recommend designing to the
specifications given under “Absolute Maximum Ratings.”
Important note: The operating conditions given in section 2.2 set the conditions over which IDT specifies device
operation. These are the conditions that the application circuit should provide to the device for it to function as
intended. Unless otherwise noted, the limits for parameters that appear in the operating conditions section are
used as test conditions for the limits given in the electrical characteristics (section 2.3), operating conditions, and
interface characteristics and nonvolatile memory sections.
2.1.
Absolute Maximum Ratings
Table 2.1
Absolute Maximum Ratings
No.
Parameter
Symbol
Conditions
Min
Max
Unit
2.1.1
Supply voltage
VDDE
-40
40
VDC
2.1.2
Voltage at AOUT pin
VAOUT
-40
40
VDC
2.1.3
Analog supply voltage
VDDA
-0.3
6.5
VDC
2.1.4
Digital supply voltage
VDD
-0.3
1.98
VDC
2.1.5
Voltage at all other pins
VPIN
-0.3
VDDA +0.3
V
2.1.6
Storage temperature
TSTG
-55
160
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com