Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZSSC4151
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZSSC4151 Datasheet HTML 3Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 10Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ZSSC4151 Datasheet
© 2016 Integrated Device Technology, Inc.
7
April 20, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
2.3.6.10
DNL
DNLOUT
rDAC =12 bit
-1.5
1.5
LSB
2.3.6.11
INL TQA temperature range
(specified in 2.2.2)
3)
INLOUT
Best fit, rDAC =12-Bit
-5
5
LSB
2.3.6.12
INL TQE temperature range
(specified in 2.2.2)
INLOUT
Best fit, rDAC =12-Bit
-8
8
LSB
2.3.6.13
Output leakage current
at 125°C
ILEAK_OUT
In the event of power or
ground loss
-12
12
µA
2.3.6.14
Output leakage current
at 150°C
ILEAK_OUT
In the event of power or
ground loss
-20
20
µA
2.3.7.
System Response
2.3.7.1
Startup time
3), 4)
(time to first valid output
after power-on)
tSTARTUP
fOSC = 8MHz;
ADC: 14-bit and 2
nd order
conversion
5
ms
2.3.7.2
Response time
3) 4) 5)
tRESPONSE
100% input step,
excluding transmission time
1.1
ms
2.3.7.3
Bandwidth
3)
In comparison to analog
signal conditioners;
66% jump
1
kHz
2.3.7.4
Analog output noise
peak-to-peak
3)
VNOISE,PP
DAC and output buffer only;
bandwidth
 10kHz
10
mV
2.3.7.5
Analog output noise
RMS
3)
VNOISE,RMS
DAC and output buffer only;
bandwidth
 10kHz
3
mV
2.3.7.6
Ratiometricity error
3)
REOUT_5
Maximum error of
VDDE range = 4.5V to 5.5V
-1000
1000
ppm
2.3.7.7
Overall error
6)
FALL
TQA temperature range
(specified in 2.2.2)
0.35
% FSO
TQE temperature range
(specified in 2.2.2)
0.5
1)
Excluding bridge supply current and excluding output current at AOUT pin.
2)
Oscillator frequency can be trimmed via a setting in nonvolatile memory (NVM).
3)
No measurement in mass production; parameter is guaranteed by design and/or quality observation.
4)
No bridge settling included in timing.
5)
Dependent on the configuration. The specified limit is valid only for ADC resolutions
15 bits.
6)
FSO: full-scale output. No sensor-caused effects included in overall error. ADC input range from 10% to 90% of VSENS; DAC from 5% to 95% of output
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com