Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZSSC4151
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZSSC4151 Datasheet HTML 2Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 3Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ZSSC4151 Datasheet
© 2016 Integrated Device Technology, Inc.
6
April 20, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
2.3.3.5
External RTD channel gain
ATSE_RTD
10
LSB
/mV
2.3.3.6
External RTD input range
3)
VTSE_RTD
Relative to VDDA
-2
-0.2
V
2.3.4.
Sensor Diagnostics
2.3.4.1
Sensor connection loss
threshold
RSCC_open
100
k
2.3.4.2
Sensor short threshold to
BOT or TOP pin
RSCC_SH_BT
50
2.3.4.3
Sensor short threshold
between inputs
RSCC_SH_IN
150
2.3.5.
A2D Conversion
2.3.5.1
ADC resolution
3)
rADC
Selection: 12, 14, 16 or 18 bit
12
18
Bit
2.3.5.2
DNL
3)
DNLADC
Best fit; overall AFE;
VADC_IN according to 2.3.6.4.
0.95
LSB
2.3.5.3
INL TQA temperature range
(specified in 2.2.2)
3)
INLADC_TQA
Best fit
4
LSB
2.3.5.4
INL TQE temperature range
(specified in 2.2.2)
INLADC_TQE
At 14-bit resolution
8
LSB
2.3.5.5
ADC input range
VADC_IN
0.1
0.9
VSENS
2.3.6.
DAC and Analog Output (AOUT Pin)
2.3.6.1
DAC resolution
rDAC
Analog output
12
Bit
2.3.6.2
Output current sink/source
IOUT
VAOUT: 5-95%, RLOAD ≥ 5k
2.5
mA
VAOUT: 10-90%, RLOAD ≥ 1k
5
mA
2.3.6.3
Short-circuit current
(AOUT to VSSE or VDDE)
IOUT_max
Short to VSSE or VDDE
-25
25
mA
2.3.6.4
Addressable output range
VR_OUT
0.01
0.99
VDDE
2.3.6.5
Load capacitance
CLOAD
Defined for best EMC
performance
4
10
150
nF
2.3.6.6
Output slew rate
SROUT
CLOAD < 50nF
0.1
V/µs
2.3.6.7
Clipping levels
LowLim
Configurable 8-bit value
stored in NVM
0
25
%VDDE
UppLim
Configurable 8-bit value
stored in NVM
75
100
%VDDE
2.3.6.8
Clipping adjustment step
0.1
%VDDE
2.3.6.9
Output resistance in
Diagnostic Mode
ROUT_DIA
Diagnostic Range:
4% to 96%, RLOAD ≥ 5k
8% to 92%, RLOAD ≥ 1k
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com