Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZSSC4151
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZSSC4151 Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 10Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 11Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 12Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 13Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ZSSC4151 Datasheet
© 2016 Integrated Device Technology, Inc.
10
April 20, 2016
3
ESD Protection and EMC Specification
3.1.
ESD Protection
All pins have an ESD protection of
≥ 2000V according to the Human Body Model (HBM, based on MIL883,
Method 3015.7). The VDDE, VSSE, and AOUT pins have an additional ESD protection of
≥ 4000V (HBM).
In addition, Charged Device Model (CDM) tests are processed with protection levels of
≥ 750V for corner pins and
≥ 500V for all other pins.
The level of ESD protection has been tested with devices in QFN24 4X4mm packages during the product
qualification.
3.2.
Latch-Up Immunity
All pins pass ±100mA latch-up test based on testing that conforms to the standard EIA/JESD 78.
3.3.
Electromagnetic Emission
The wired emission of externally connected pins of the device is measured according to the following standard:
IEC 61967_4:2002 + A1:2006.
Measurements must be performed with the application circuits described in the ZSSC4151 Application Descrip-
tion.
For the off-board pins, the spectral power measured with the 150
Ω method must not exceed the limits according
to IEC 61967_4k, Annex B.4 code H10kN. For the VSSE pin, the spectral power measured with the 1
Ω method
must not exceed the limits according to IEC 61967_4k, Annex B.4 code 15KmO.
3.4.
Conducted Susceptibility (DPI)
The conducted susceptibility of externally connected pins of the device is measured according to the IEC 62132-4
standard, which describes the direct power injection (DPI) test method.
Measurements must be performed with the application circuit described in the ZSSC4151 Application Description.
Measurements are performed with an internal reference capacitor and internal temperature sensor. The sensing
element is replaced by a resistive divider. Calibration is parameterized so that ~50% VDDA is output.
Table 3.1 gives the specifications for the DPI tests. RES refers to the coupling impedance.
Table 3.1
Conducted Susceptibility (DPI) Tests
Test
Frequency Range
Target
(dBm)
Load Pins
Protocol
Error
Band
Comment
DPI, direct
coupled
1MHz to 300MHz
26
VDDE, AOUT
Analog out
± 1%
LOAD
RES = 5kΩ
LOAD CAP = 10nF
DPI, direct
coupled
300MHz to
1000MHz
32
VDDE, AOUT
Analog out
± 1%
LOAD
RES = 5kΩ
LOAD CAP = 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com