Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ZSSC4151
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ZSSC4151 Datasheet HTML 1Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 2Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 3Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ZSSC4151 Datasheet
© 2016 Integrated Device Technology, Inc.
5
April 20, 2016
2.3.
Electrical Parameters
All parameter values in this section are valid under the operating conditions specified in section 2.2. All voltages
referenced to VSSA.
Note: All parameters measured/validated for rADC = 14-bit; segmentation of 1
st and 2nd ADC stage = 8/6;
fOSC = 8MHz; analog gain = ~100; TAMB_TQE (see specification 2.2.2).
Table 2.3
Electrical Parameters
Note: See important table notes at the end of the table (page 7).
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
2.3.1.
Supply Current and System Operation Conditions
2.3.1.1
Supply current
1)
IS
Oscillator adjusted
(typical fOSC = 8MHz).
5.5
7
mA
2.3.1.2
Sensor bridge supply
voltage
VSENS
VSENS = VTOP - VBOT
at RBR ≥ 2k
0.9
1
VDDA
2.3.1.3
Oscillator frequency
2)
fOSC
7.2
8
8.8
MHz
2.3.1.4
Oscillator frequency
temperature coefficient
TCOSC
-200
200
ppm/K
2.3.2.
Analog Front-End Characteristics
2.3.2.1
Input span
VIN_SPAN
Analog gain = 1 to 200
1
800
mV/V
2.3.2.2
Common mode input range
VIN_CM
Depends on gain adjustment
0.25
0.75
VSENS
2.3.2.3
External capacitance at
input
CIN_EXT
Capacitance at pins BR1P
and BR1N to VSSA
0
12
nF
2.3.2.4
Input leakage current
3)
IIN_leak
-15
15
nA
2.3.3.
Temperature Measurement
2.3.3.1
PTAT internal temperature
sensitivity
STTSI
Raw values, without
conditioning calculation
Analog gain setting= 6
20
LSB14
/K
2.3.3.2
External temperature diode
channel gain
ATSE_D
10
LSB14
/mV
2.3.3.3
External temperature diode
bias current
ITSE_D
10
20
40
A
2.3.3.4
External temperature diode
input range
3)
VTSE_D
Relative to VTOP
-1
-0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com