Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZSSC4151
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZSSC4151 Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 10Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 11Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 12Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ZSSC4151 Datasheet
© 2016 Integrated Device Technology, Inc.
9
April 20, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
2.4.3.
Nonvolatile Memory (NVM)
2.4.3.1
Junction temperature for
NVM programming
2)
TAMB_NVM
-40
150
C
2.4.3.2
Re-write cycles
1)
NNVM_TQA
For TTQA (see range in
specification 2.2.2)
100
2.4.3.3
Re-write cycles at 150°C
NNVM_TQE
For TTQE (see range in
specification 2.2.2)
10
2.4.3.4
Data retention
1)
tNVM_RET
Temperature profile:
22h bake at 250
C
15
Year
2.4.3.5
Programming time
1)
tNVM_WRI
Per written word
2.2
5
ms
1)
No measurement in mass production; parameter is guaranteed by design and/or quality observation.
2)
Valid for dice. Note: Additional package and temperature range cause restrictions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com