Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZSSC4151
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZSSC4151 Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 10Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 11Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 12Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 13Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ZSSC4151 Datasheet
© 2016 Integrated Device Technology, Inc.
12
April 20, 2016
Term
Description
OWI
One-Wire Interface
PGA
Programmable Gain Amplifier
PTAT
Proportional-to-Absolute Temperature
PTC
Thermistor
– Positive Temperature Coefficient Resistor
PWR
Power Management and Protection Unit
QFN
Quad-Flat No-Leads
– IC package
RAM
Random Access Memory
RISC
Reduced Instruction Set Computing
ROM
Read-Only Memory
RMS
Root-Mean-Square
RTD
Resistance Temperature Device
SCCM
Sensor Check and Common Mode Adjustment Unit
SCL
Serial Clock
SDA
Serial Data
SSC
Sensor Short Check (diagnostic feature) or Sensor Signal Conditioner
TQA, TQE, TQI
Temperature range identifier. See specification 2.2.2 for definition.
ZACwire
TM
IDT-specific One-Wire Interface
6
Document Revision History
Revision
Date
Description
1.00
September 13, 2015
First release.
1.01
November 10, 2015
Extended leakage current description in section 2.3.6 for specifications 2.3.6.13
and 2.3.6.14
Updates for table notes for Table 2.3.
Revision of pin names BRP to BR1P and BRN to BR1N.
1.02
April 12, 2016
Added minimum value for ratiometricity error in Table 2.3.
Updated section 4 regarding completion of AEC-Q100 qualification and extension
of the minimum test time to 3000h.
Updated specification 2.3.7.7 for improved accuracy of ±0.35% of FSO at -40°C to
125°C and 0.5% FSO at -40°C to 150°C.
April 20, 2016
Changed to IDT branding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com