Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ZSSC4151
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ZSSC4151 Datasheet HTML 1Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 2Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 3Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ZSSC4151 Datasheet
© 2016 Integrated Device Technology, Inc.
4
April 20, 2016
2.2.
Operating Conditions
All voltages in this section are relative to VSSA.
Table 2.2
Operating Conditions
Note: See important notes at the end of the table.
No.
Parameter
Symbol
Conditions
Min
Typical
Max
Unit
2.2.1
Supply voltage
VDDE
To VSSE
4.5
5
5.5
V
VDDA
To VSSA
VDDE minus drop through
protection switch
(VDDE
– 0.1)
VDDE
V
2.2.2
Junction temperature
TTQE
Extended Temperature
Range (TQE)
-40
150
C
TAMB_TQA
Advanced-Performance
Temperature Range (TQA)
-40
125
C
TAMB_TQI
Best-Performance
Temperature Range (TQI)
-25
85
C
2.2.3
Bridge resistance
1), 2)
RBR
2
10
k
RBR_10-90
Output range 10-90%
1
15
k
1)
No measurement in mass production; parameter is guaranteed by design and/or quality observation.
2)
RBR greater than the maximum limit results in higher noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com