Electronic Components Datasheet Search
  English  ▼

X  

62EM1 Datasheet(PDF) 2 Page - Microchip Technology

Part # 62EM1
Description  Optimized for Silicon Carbide (SiC) MOSFET Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

62EM1 Datasheet(HTML) 2 Page - Microchip Technology

  62EM1 Datasheet HTML 1Page - Microchip Technology 62EM1 Datasheet HTML 2Page - Microchip Technology 62EM1 Datasheet HTML 3Page - Microchip Technology 62EM1 Datasheet HTML 4Page - Microchip Technology 62EM1 Datasheet HTML 5Page - Microchip Technology 62EM1 Datasheet HTML 6Page - Microchip Technology 62EM1 Datasheet HTML 7Page - Microchip Technology 62EM1 Datasheet HTML 8Page - Microchip Technology 62EM1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
62EM1 – Programmable 62mm Electrical Series
PRELIMINARY
62EM1 - 62mm Electrical Master 1 Spec Sheet V09
Page 2 of 17
System Overview
The basic topology of the driver is shown in Figure 1.
Absolute Maximum Ratings
Interaction of maximum ratings is dependent on operating conditions
Parameter
Description
Min
Max
Unit
Supply Voltage
VCC to GND
0
18
V
Peak Gate Current
Note 1
-20
20
A
Input Logic Levels
To GND
-0.5
16
V
Output Power per Gate
10.0
W
Switching Frequency
Note 2
200
kHz
Isolation Voltage
Primary to Secondary VAC RMS 1 min
4500
V
Working Voltage
Primary to Secondary, Secondary to Secondary
1200/1700
V
Creepage Distance
Primary to Secondary Side
12
mm
��������/��������*
Rate of change input to output
100
kV/μs
Operating Temperature
Ambient Operating Temperature
-40
+85
°C
Storage Temperature
-40
+90
°C
Figure 1: Basic schematic of the 62EM1-62mm Electrical Gate Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com