Electronic Components Datasheet Search
  English  ▼

X  

62EM1 Datasheet(PDF) 5 Page - Microchip Technology

Part # 62EM1
Description  Optimized for Silicon Carbide (SiC) MOSFET Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

62EM1 Datasheet(HTML) 5 Page - Microchip Technology

  62EM1 Datasheet HTML 1Page - Microchip Technology 62EM1 Datasheet HTML 2Page - Microchip Technology 62EM1 Datasheet HTML 3Page - Microchip Technology 62EM1 Datasheet HTML 4Page - Microchip Technology 62EM1 Datasheet HTML 5Page - Microchip Technology 62EM1 Datasheet HTML 6Page - Microchip Technology 62EM1 Datasheet HTML 7Page - Microchip Technology 62EM1 Datasheet HTML 8Page - Microchip Technology 62EM1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
62EM1 – Programmable 62mm Electrical Series
PRELIMINARY
62EM1 - 62mm Electrical Master 1 Spec Sheet V09
Page 5 of 17
Interconnects
Controller/Power to Driver Connectors
Connector
Type
Ref
Manufacturer Part Number
Driver Board
20 Pin
J1
FCI 71918-220LF
Cable Assembly
20 Pin
FCI 71600-120LF
Recommended Cable for High Noise Environments: Flat Ribbon Cable, Twisted Pair, Shielded (3M 1785/20 Series)
Main to Secondary Driver Connectors (Optional – Please specify if required, otherwise not populated)
Connector
Type
Ref
Manufacturer Part Number
Driver Board
5 Pin
J6
JST B05B-PASK-1
Cable Assembly
5 Pin
JST PAP-05V-S
Driver Board
4 Pin
J7
JST B04B-PASK-1
Cable Assembly
4 Pin
JST PAP-04V-S
Thermistor Connector
Connector
Type
Ref
Manufacturer Part Number
Driver Board
2 Pin
J5
JST B02B-PASK-1
Cable Assembly
2 Pin
JST PAP-02V-S
Standard part is a vertical 2 pin header. Right-angle 2 pin header available upon request (P/N: JST S02B-PASK-2)
MOSFET Terminals
Ref ID
Type
Manufacturer Part Number
G1, G2, S2, S1D2
2.8mm Quick Fit
Keystone 3534
D1*
4.8mm Quick Fit
Keystone 1285-ST
*Recommended Mate for D1 – Keystone 8291 (Female Fully Insulated Quick Fit Terminal)
*D1 Quick Fit terminal on gate driver must be connected to the D1 terminal on the SiC MOSFET module.
Figure 3: Interconnect Locations on PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com