Electronic Components Datasheet Search
  English  ▼

X  

62EM1 Datasheet(PDF) 12 Page - Microchip Technology

Part # 62EM1
Description  Optimized for Silicon Carbide (SiC) MOSFET Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

62EM1 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 62EM1 Datasheet HTML 8Page - Microchip Technology 62EM1 Datasheet HTML 9Page - Microchip Technology 62EM1 Datasheet HTML 10Page - Microchip Technology 62EM1 Datasheet HTML 11Page - Microchip Technology 62EM1 Datasheet HTML 12Page - Microchip Technology 62EM1 Datasheet HTML 13Page - Microchip Technology 62EM1 Datasheet HTML 14Page - Microchip Technology 62EM1 Datasheet HTML 15Page - Microchip Technology 62EM1 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
62EM1 – Programmable 62mm Electrical Series
PRELIMINARY
62EM1 - 62mm Electrical Master 1 Spec Sheet V09
Page 12 of 17
Generic Sample Factory Settings
AgileSwitch drivers are designed to provide safe, secure and efficient operation of the SiC MOSFET power
module, as well as to provide unparalleled information on the condition of the overall system.
Generic samples are set at the factory to perform certain actions (e.g. turn off the HI side or LO side of the SiC
MOSFET) and to report that a fault occurred based on performance parameters that occur outside of default ranges.
The tables below show the generic configuration.
Performance & Interconnect Settings
Parameter
Generic Factory Setting
Value
Unit
Rgon (Turn-on Gate Resistance)
Populated
1.1
Ω
Rgoff (Turn-off Gate Resistance)
Populated
1.1
Ω
Desaturation Time
Enabled
1.5
µs
Dead Time
Enabled
1
µs
Fault Reset
Auto
5
ms
DC Link Voltage Fault
Enabled
900
V
Temperature Fault
Enabled
125
°C
UVLO Primary
Enabled
13.2
V
OVLO Primary
Enabled
16.5
V
J1 (20 pin Control/Power Header)
Populated
J5 (2 pin Thermistor Header)
Populated
J6 (5 pin Main/Secondary Header)
Not Populated
J7 (4 pin Main/Secondary Header)
Not Populated
Fault and Monitoring Conditions
Fault
Condition/Action
Generic Sample
Default Trigger
Values
Action on IGBT if
Active (Default
Setting)
HI
Fault
LO
Fault
All
Faults
NO FAULTS
HIGH
HIGH
HIGH
DSAT/UVLO – HI
See Electrical
Characteristics
Turn Off HI & LO
Side
LOW
HIGH
LOW
DSAT/UVLO – LO
See Electrical
Characteristics
Turn Off HI &LO
Side
HIGH
LOW
LOW
OVLO
See Electrical
Characteristics
Turn Off HI & LO
Side
HIGH
HIGH
LOW
Temperature Fault
125 °C Thermistor
Monitor
No Action
HIGH
HIGH
LOW
DC Link Voltage
Fault
DC Link Voltage
above or below
setting
Turn Off HI & LO
Side
HIGH
HIGH
LOW
Power On
Configuration Fault*
Failure to Configure
Gate drivers
Turn Off HI & LO
Side
LOW
LOW
LOW
*After power up, if all Fault lines are LOW, then either there is a real fault (UVLO/DSAT) on both the HI and LO
sides or there has been a software configuration failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com