Electronic Components Datasheet Search
  English  ▼

X  

62EM1 Datasheet(PDF) 6 Page - Microchip Technology

Part # 62EM1
Description  Optimized for Silicon Carbide (SiC) MOSFET Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

62EM1 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 62EM1 Datasheet HTML 2Page - Microchip Technology 62EM1 Datasheet HTML 3Page - Microchip Technology 62EM1 Datasheet HTML 4Page - Microchip Technology 62EM1 Datasheet HTML 5Page - Microchip Technology 62EM1 Datasheet HTML 6Page - Microchip Technology 62EM1 Datasheet HTML 7Page - Microchip Technology 62EM1 Datasheet HTML 8Page - Microchip Technology 62EM1 Datasheet HTML 9Page - Microchip Technology 62EM1 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
62EM1 – Programmable 62mm Electrical Series
PRELIMINARY
62EM1 - 62mm Electrical Master 1 Spec Sheet V09
Page 6 of 17
inout – Controller/Power to Driver Connection
20 PIN – J1
Pin No
Signal
Pin No
Signal
1
VCC – +15V Supply Voltage
2
GND
3
VCC – +15V Supply Voltage
4
GND
5
VCC – +15V Supply Voltage
6
GND
7
VCC – +15V Supply Voltage
8
GND
9
HI-F – HI-Fault
10
GND
11
HI-D (+) HI Drive In (+)
12
HI-D (-) HI Drive In (-) or GND
13
LO-F - LO Fault
14
GND
15
LO-D (+) LO Drive In (+)
16
LO-D (-) LO Drive In (-) or GND
17
AL-F – All Faults (Low when HI-
F or LO-F)
18
HV-P – Isolated High Voltage Monitoring
19
F-RS – Fault Reset (Auto Reset
Optional)
20
TE-P – Temperature Monitoring
Recommended Interface Circuitry
Figure 3: 20 pin pinout diagram for 62EM1-62mm Electrical Gate Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com