Electronic Components Datasheet Search
  English  ▼

X  

62EM1 Datasheet(PDF) 3 Page - Microchip Technology

Part # 62EM1
Description  Optimized for Silicon Carbide (SiC) MOSFET Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

62EM1 Datasheet(HTML) 3 Page - Microchip Technology

  62EM1 Datasheet HTML 1Page - Microchip Technology 62EM1 Datasheet HTML 2Page - Microchip Technology 62EM1 Datasheet HTML 3Page - Microchip Technology 62EM1 Datasheet HTML 4Page - Microchip Technology 62EM1 Datasheet HTML 5Page - Microchip Technology 62EM1 Datasheet HTML 6Page - Microchip Technology 62EM1 Datasheet HTML 7Page - Microchip Technology 62EM1 Datasheet HTML 8Page - Microchip Technology 62EM1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
62EM1 – Programmable 62mm Electrical Series
PRELIMINARY
62EM1 - 62mm Electrical Master 1 Spec Sheet V09
Page 3 of 17
Electrical Characteristics
Conditions: VSUP = +15.0 V, VIN_LOGIC
= 15V or 5V, MOSFET = CAS300M12BM2
Power Supply
Description
Min
Typ
Max
Unit
Supply Voltage
VCC to GND
14
15
16
V
Supply Current
Without Load
110
mA
Supply Current
With Load, Note 3
1250
mA
UVLO Level-HI and LO*
Primary Side low voltage detect fault level
13.5
14
V
UVLO Level-HI and LO*
Secondary Side low voltage detect fault level,
Note 3
20
V
OVLO Level-HI and LO*
Primary Side high voltage detect fault level
16
16.5
V
VSOFT*
2-Level Turn Off, Note 3
1.5
V
VsoftD1*
DSAT 1st Level Turn Off Voltage, Note 3
9
V
VsoftD2*
DSAT 2nd Level Turn Off Voltage, Note 3
5
V
Signal I/O
Description
Min
Typ
Max
Unit
Input Impedance
5V - HI and LO side input
500
Ω
15V - HI and LO side input
3000
Ω
5V Differential – HI and LO side input
1000
Ω
VIN Low
5V - Turn-off threshold
1.25
V
15V - Turn-off threshold
4
V
VIN High
5V – Turn-on Threshold
3.5
V
15V - Turn-on threshold
10
V
VIN (differential option)
Difference between VIN+ to VIN-
2
V
Gate Output Voltage Low
Note 3
-6
-4
V
Gate Output Voltage High
Note 3
+17
+21
V
Fault Output Voltage
Fault lines are open collect with 5mA load
0.3
V
Fault Output Current
Note 4
10
mA
Switching Frequency
Note 2
200
kHz
DC Link & Temp Monitoring
High Voltage (HV) & Temp Monitoring
Output
0
5
V
DC Link & Temp Monitoring
PWM Frequency
31.5
kHz
DC Link & Temp Monitoring
Output Impedance
510
1%
Ω
DC Link Voltage
880
920
V
Temperature Trip
125
°C
MOSFET Short Protection
Description
Min
Typ
Max
Unit
Desat Monitor Voltage*
Between Drain and Sink of MOSFET, Note 3
8.25
V
TDSAT*
Activation after MOSFET Turn on
1.5
μs
Response Time after Fault
200
ns
Note 1: Input signal should not be activated until 20 ms after power is applied to allow on board DC-DC converter to stabilize.
Note 2: Actual maximum switching speed is a function of gate capacitance.
Note 3: SiC MOSFET dependant, conditions listed above assume CAS300M12BM2
Note 4: Fault lines are open collector and require a pull-up resistor, 2KΩ recommended
* Software configurable parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com