Electronic Components Datasheet Search
  English  ▼

X  

62EM1 Datasheet(PDF) 1 Page - Microchip Technology

Part # 62EM1
Description  Optimized for Silicon Carbide (SiC) MOSFET Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

62EM1 Datasheet(HTML) 1 Page - Microchip Technology

  62EM1 Datasheet HTML 1Page - Microchip Technology 62EM1 Datasheet HTML 2Page - Microchip Technology 62EM1 Datasheet HTML 3Page - Microchip Technology 62EM1 Datasheet HTML 4Page - Microchip Technology 62EM1 Datasheet HTML 5Page - Microchip Technology 62EM1 Datasheet HTML 6Page - Microchip Technology 62EM1 Datasheet HTML 7Page - Microchip Technology 62EM1 Datasheet HTML 8Page - Microchip Technology 62EM1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
62EM1 – Programmable 62mm Electrical Series
PRELIMINARY
62EM1 - 62mm Electrical Master 1 Spec Sheet V09
Page 1 of 17
62EM1-Programmable 62mm Electrical Series
Optimized for Silicon Carbide (SiC) MOSFET Modules
Overview
The AgileSwitch 62EM1-62mm Electrical driver provides monitoring and fault reporting information to enable
better control and analysis of SiC MOSFET-based power systems. The 62EM1 provides up to 20 Amps of peak
current at an operating frequency up to 200 kHz. The driver includes isolated HI and LO Side DC/DC converters
and provides 7 fault conditions that are reported as a combination of the 3 fault lines via the 20 pin control header.
All AgileSwitch drivers use automotive temperature grade components and allow for modifying settings of gate
resistors.
Software Programmable Features
• Augmented Turn-OffTM (ATOff) (Patented)
• Power supply under-voltage lockout (UVLO)
• Power supply over-voltage lockout (OVLO)
• Desaturation detection settings
• Dead time
• Fault lockout settings
• Automatic Reset settings
Key Switch Driver Features
• UL Complaint - 1200V & 1700V SiC
• Single-ended (5V, 15V) or Differential (RS-422
Compatible) logic
• Temperature Monitoring, PWM
• Isolated High Voltage Monitoring, PWM
• 2 X 10W output power
• RoHs compliant
• Configurable Gate Output Voltages
• Up to 7 Unique Fault Conditions
Applications
•
High Speed Trains/Traction
• Motor Drives
• HEV/EV
•
Induction Welding, Cutting and Heating
• Solar/PV inverters
• Wind Turbines
• UPS
•
Frequency Conversion


Similar Description - 62EM1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMZ120R220M1H INFINEON-IMZ120R220M1H Datasheet
1Mb / 17P
CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMZ120R090M1H INFINEON-IMZ120R090M1H Datasheet
1Mb / 17P
CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMZ120R045M1 INFINEON-IMZ120R045M1 Datasheet
1Mb / 17P
CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
2.6 2020-12-11
IMW120R350M1H INFINEON-IMW120R350M1H Datasheet
1Mb / 17P
CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMW120R090M1H INFINEON-IMW120R090M1H Datasheet
1Mb / 17P
CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMBF170R1K0M1 INFINEON-IMBF170R1K0M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IDW20G65C5 INFINEON-IDW20G65C5 Datasheet
1Mb / 11P
SiC Silicon Carbide Diode
Rev. 2.2, 2013-01-15
IDW30G65C5 INFINEON-IDW30G65C5 Datasheet
1Mb / 11P
SiC Silicon Carbide Diode
Rev. 2.2, 2013-01-15
logo
UN Semiconducctor INC
UNC1K203N078-T47 UNSEMI-UNC1K203N078-T47 Datasheet
4Mb / 12P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K211N016-T47 UNSEMI-UNC1K211N016-T47 Datasheet
4Mb / 10P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com