Electronic Components Datasheet Search
  English  ▼

X  

62EM1 Datasheet(PDF) 11 Page - Microchip Technology

Part # 62EM1
Description  Optimized for Silicon Carbide (SiC) MOSFET Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

62EM1 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 62EM1 Datasheet HTML 7Page - Microchip Technology 62EM1 Datasheet HTML 8Page - Microchip Technology 62EM1 Datasheet HTML 9Page - Microchip Technology 62EM1 Datasheet HTML 10Page - Microchip Technology 62EM1 Datasheet HTML 11Page - Microchip Technology 62EM1 Datasheet HTML 12Page - Microchip Technology 62EM1 Datasheet HTML 13Page - Microchip Technology 62EM1 Datasheet HTML 14Page - Microchip Technology 62EM1 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
62EM1 – Programmable 62mm Electrical Series
PRELIMINARY
62EM1 - 62mm Electrical Master 1 Spec Sheet V09
Page 11 of 17
Temperature Monitor
The following table describes the correlation between the Thermistor Temperature and Temperature Monitor
PWM Output with 2kHz 4 pole filter. This is based on an NTC thermistor that measures 5kΩ @ 25°C.
Recommended Thermistor P/N: USUR1000-502G.
Output Voltage [V]
Temperature [°C]
0.8
-3
1.6
25
2.2
41
2.8
57
3.1
67
3.3
74
3.4
80
3.7
94
4.0
108
4.1
122
4.3
138
4.4
154
DC Link Voltage Monitor – 1200V
The DC Link (HI Side drain to LO Side source) Monitor Output Voltage is 1% accurate from 25V to 975V. The
PWM output is the ratio of the DC Link Voltage / 1000V. For example, a 500V DC Link Voltage, the PWM
output will be 50%. The linear equation for the Voltage Monitor PWM Output with a 2 kHz 4 pole filter is:
������������[����] = 200 ���� ��������������������������������
DC Link Voltage Monitor – 1700V
The DC Link (HI Side drain to LO Side source) Monitor Output Voltage is 1% accurate from 50V to 1650V.
The PWM output is the ratio of the DC Link Voltage / 1700V. For example, an 825V DC Link Voltage, the
PWM output will be 50%. The linear equation for the Voltage Monitor PWM Output with a 2 kHz 4 pole filter
is:
������������[����] = 340 ���� ��������������������������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com