Electronic Components Datasheet Search
  English  ▼

X  

62EM1 Datasheet(PDF) 13 Page - Microchip Technology

Part # 62EM1
Description  Optimized for Silicon Carbide (SiC) MOSFET Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

62EM1 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 62EM1 Datasheet HTML 9Page - Microchip Technology 62EM1 Datasheet HTML 10Page - Microchip Technology 62EM1 Datasheet HTML 11Page - Microchip Technology 62EM1 Datasheet HTML 12Page - Microchip Technology 62EM1 Datasheet HTML 13Page - Microchip Technology 62EM1 Datasheet HTML 14Page - Microchip Technology 62EM1 Datasheet HTML 15Page - Microchip Technology 62EM1 Datasheet HTML 16Page - Microchip Technology 62EM1 Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
62EM1 – Programmable 62mm Electrical Series
PRELIMINARY
62EM1 - 62mm Electrical Master 1 Spec Sheet V09
Page 13 of 17
Important Precautions
Caution: Handling devices with high voltages involves risk to life. It is imperative to
comply with all respective precautions and safety regulations.
When installing the ribbon cable, please make sure that power is turned off. Multi-signal values are sent
along this ribbon cable, thus hot swapping may cause damage to the IC components on the board.
AgileSwitch assumes that the gate drive board has been mounted on the SiC MOSFET prior to start-up
testing. It is recommended that the user checks that the SiC MOSFET power modules are operating inside
the Specified Operating Area (SOA) as specified by the module manufacturer including short circuit testing
under very low load conditions.
Recommended Start-Up Testing
1. Connect the driver through the 20 pin control header to your drive electronics and supply the driver with
+15V.
2. Send the fault reset pin, pin 19, a low signal. Return pin 19 to a high condition. (If the driver is configured for
Auto Reset, you may ignore this step.)
3. Check the gate voltage:
a) For the off-state, the nominal gate voltage should be -6V to -4V. (Note 3)
b) For the on state, it is +17 to +21V. (Note 3)
c) Check that the supply current of the driver is within spec with inactive trigger signals and then at the
desired switching frequency.
4. The system is now ready for application testing under load conditions.
5. Check thermal conditions to verify that the system is operating within specified temperature range.
6. Do NOT apply High Voltage to the SiC Module without first applying power to the GDB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com