Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7380
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 1 Page - Analog Devices

  AD7380 Datasheet HTML 1Page - Analog Devices AD7380 Datasheet HTML 2Page - Analog Devices AD7380 Datasheet HTML 3Page - Analog Devices AD7380 Datasheet HTML 4Page - Analog Devices AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Differential Inputs, 1 MSPS/500 kSPS, Dual
Simultaneous Sampling SAR ADCs
Data Sheet
AD4680/AD4681
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-bit ADC family
Dual simultaneous sampling
Fully differential analog inputs
Throughput conversion rate
1 MSPS for AD4680
500 kSPS for AD4681
SNR (typical)
92.5 dB, VREF = 3.3 V external
100 dB with 8× OSR, RES = 1
On-chip oversampling function
Resolution boost function
INL (maximum) 1.5 LSBs
2.5 V internal reference at 10 ppm/°C
High speed serial interface
−40°C to +125°C operation
3 mm × 3 mm, 16-lead LFCSP
Wide common-mode range
Alert function
APPLICATIONS
Motor control position feedback
Motor control current sense
Sonar
Power quality
Data acquisition systems
Erbium doped fiber amplifier (EDFA) applications
Inphase (I) and quadrature (Q) demodulation
GENERAL DESCRIPTION
The AD4680/AD4681 are 16-bit, pin-compatible, dual simultane-
ous sampling, high speed, low power, successive approximation
register (SAR) analog-to-digital converters (ADCs) that operate
from a 3.0 V to 3.6 V power supply and feature throughput rates
of 1 MSPS for the AD4680 and 500 kSPS for the AD4681. The
analog input type is differential, accepts a wide common-mode
input voltage, and is sampled and converted on the falling edge
of CS. Integrated on-chip oversampling blocks improve dynamic
range and reduce noise at lower bandwidths. A buffered internal
2.5 V reference is included. Alternatively, an external reference
up to 3.3 V can be used.
The conversion process and data acquisition use standard control
inputs, allowing easy interfacing to microprocessors or digital
signal processors (DSPs). The device is compatible with 1.8 V,
2.5 V, and 3.3 V interfaces using a separate logic supply. The
AD4680/AD4681 are available in a 16-lead lead frame chip scale
package (LFCSP) with operation specified from −40°C to +125°C.
COMPANION PRODUCTS
ADC Drivers: ADA4896-2, ADA4940-2, ADA4807-2, LTC6227
Voltage References: ADR4533, ADR4525
Low Dropout Regulators: ADP166, ADP7104, ADP7182
Additional companion products on the AD4680 and AD4681
product pages
Table 1. Related Products
Input Type
16-Bit
14-Bit
12-Bit
Differential
AD7380
AD7381
Pseudo Differential
AD7383
AD7384
Single-Ended
AD7386
AD7387
AD7388
FUNCTIONAL BLOCK DIAGRAM
ADC A
AINA+
SDOA
DIGITAL
CONTROLLER
SCLK
1µF
3.3V
1µF
3.3V
GND
VCC
VLOGIC
SDI
CS
SDOB/ALERT
AINA–
AINB+
AINB–
REFIO
REFCAP
GND
REGCAP
OVER-
SAMPLING
ADC B
OVER-
SAMPLING
OSC
REF
LDO
CONTROL
LOGIC
AD4680/AD4681
C1
R
R
VREF
0V
VREF
0V
C1
C2
C2
C1
C1
VREF
0V
(
AINB+ AND AINB–)
(
AINA+ AND AINA–)
VREF
0V
R
R
Figure 1.


Similar Part No. - AD7380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
1/2019-Revision 0
AD7380 AD-AD7380 Datasheet
2Mb / 28P
1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
AD7380 AD-AD7380 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
AD7380 AD-AD7380 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD7380 AD-AD7380 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
More results

Similar Description - AD7380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
logo
Texas Instruments
ADC122S706 TI1-ADC122S706_14 Datasheet
1Mb / 31P
Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
Analog Devices
AD7915 AD-AD7915 Datasheet
561Kb / 26P
16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
REV. 0
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
1/2019-Revision 0
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4682 AD-AD4682 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4684 AD-AD4684 Datasheet
1Mb / 32P
1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
Rev. 0
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4630-24 AD-AD4630-24_V01 Datasheet
2Mb / 52P
24-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com