Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7380
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AD4680/AD4681
Data Sheet
Rev. 0 | Page 22 of 29
Serial 2-Wire Mode
Configure 2-wire mode by setting the SDO bit to 0 in the
CONFIGURATION1 register. In 2-wire mode, the conversion
result for ADC A is output on the SDOA pin, and the conversion
result for ADC B is output on the SDOB/ALERT pin (see
Figure 40).
Serial 1-Wire Mode
In applications where slower throughput rates are allowed, the
serial interface can be configured to operate in 1-wire mode. In
1-wire mode, the conversion results from ADC A and ADC B
are output on the serial output, SDOA. Additional SCLK cycles
are required to propagate all data. The ADC A data is output
first, followed by the ADC B conversion results (see Figure 41).
LOW LATENCY READBACK
The interface on the AD4680/AD4681 has a one-cycle latency,
as shown in Figure 42. For applications that operate at lower
throughput rates, the latency of reading the conversion result
can be reduced. When the conversion time elapses, tCONVERT, a
second CS pulse after the initial CS pulse that initiates the
conversion, can be used to read back the conversion result. This
operation is shown in Figure 42.
CS
SDI
SDOA
S0
S1
S2
S3
DON’T CARE
ADC A S0
ADC A S1
DON’T CARE
ADC B S0
ADC B S1
NOP
NOP
NOP
SDOB/ALERT
Figure 40. Reading Conversion Results for 2-Wire Mode
CS
SDI
SDOA
S0
S1
S2
S3
DON’T CARE
ADC A S0 ADC B S0
ADC A S1 ADC B S1
NOP
NOP
NOP
Figure 41. Read Conversion Results for 1-Wire Mode
CS
SCLK
TARGET SAMPLE PERIOD
INTERNAL
CNVn
DON’T CARE
CNVn+1
DON’T CARE
RESULTn+1
ACQ
ACQ
RESULTn
SDOA
SDOB/ALERT
Figure 42. Low Throughput Low Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com