Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7380
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices AD7380 Datasheet HTML 10Page - Analog Devices AD7380 Datasheet HTML 11Page - Analog Devices AD7380 Datasheet HTML 12Page - Analog Devices AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
AD4680/AD4681
Rev. 0 | Page 11 of 29
82
80
84
86
88
90
92
94
96
INPUT FREQUENCY (Hz)
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
1k
10k
100k
1M
Figure 21. AD4680 SINAD vs. Input Frequency
82
84
86
88
90
92
94
96
INPUT FREQUENCY (Hz)
1k
10k
100k
1M
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
Figure 22. AD4681 SNR vs. Input Frequency
THROUGHPUT (kSPS)
0
200
400
600
800
1000
12
10
8
6
4
2
0
Figure 23. Dynamic Current vs. Throughput
–120
–110
–100
–90
–80
–70
–60
–50
INPUT FREQUENCY (Hz)
1k
10k
100k
1M
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
Figure 24. AD4681 THD vs. Input Frequency
82
84
86
88
90
92
94
96
INPUT FREQUENCY (Hz)
1k
10k
100k
1M
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
Figure 25. AD4681 SINAD vs. Input Frequency
86
88
90
92
94
96
98
100
102
NO
OVERSAMPLING
24
8
OVERSAMPLING RATIO (OSR)
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
Figure 26. AD4680 SNR vs. Oversampling Ratio, Oversampling Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com