Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7380
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7380 Datasheet HTML 11Page - Analog Devices AD7380 Datasheet HTML 12Page - Analog Devices AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Data Sheet
AD4680/AD4681
Rev. 0 | Page 15 of 29
ADC TRANSFER FUNCTION
The AD4680/AD4681 can use a 2.5 V to 3.3 V VREF. The
AD4680/AD4681convert the differential voltage of the analog
inputs (AINA+, AINA−, AINB+, and AINB−) into a digital output.
The conversion result is MSB first, twos complement. The LSB
size is (2 × VREF)/2N, where N is the ADC resolution. The ADC
resolution is determined by the resolution of the device chosen,
and if resolution boost mode is enabled. Table 8 outlines the
LSB size expressed in microvolts for different resolutions and
reference voltages options.
The ideal transfer characteristic for the AD4680/AD4681 is
shown in Figure 33.
+FSR – 1LSB
–FSR – 1LSB
–FSR
100 ... 000
011 ... 111
011 ... 110
011 ... 101
100 ... 010
100 ... 001
+FSR – 1.5LSB
–FSR – 0.5LSB
Figure 33. ADC Ideal Transfer Function (FSR = Full-Scale Range)
Table 8. LSB Size
Resolution
(Bits)
2.5 V Reference
(μV)
3.3 V Reference
(μV)
16
76.3
100.7
18
19.1
25.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com