Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7380
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD4680/AD4681
Data Sheet
Rev. 0 | Page 18 of 29
MODES OF OPERATION
The AD4680/AD4681 have several on-chip configuration
registers for controlling the operational mode of the device.
OVERSAMPLING
Oversampling is a common method used in analog electronics
to improve the accuracy of the ADC result. Multiple samples of
the analog input are captured and averaged to reduce the noise
component from quantization noise and thermal noise (kTC)
of the ADC. The AD4680 and the AD4681 offer an
oversampling function on chip, rolling average oversampling.
The rolling average oversampling functionality is enabled by
writing a 1 to the OS_MODE bit and a valid nonzero to the
OSR bits, Bits[8:6] in the CONFIGURATION1 register.
Oversampling can be disabled by writing 0 to OS_MODE and a
zero value to the OSR bits of the CONFIGURATION1 register.
Rolling Average Oversampling
Rolling average oversampling mode can be used in applications
where higher output data rates are required and where higher
SNR or dynamic range is desirable. Rolling averaging involves
taking a number of samples, adding the samples together, and
dividing the result by the number of samples taken. This result
is then output from the device. The sample data is not cleared
after the process is completed. The rolling average oversampling
mode uses a first in, first out (FIFO) buffer of the most recent
samples in the averaging calculation, allowing the ADC
throughput rate and output data rate to stay the same.
The oversampling ratio of the digital filter is controlled using the
oversampling bits, OSR (see Table 10). The output result is
decimated to 16-bit resolution for the AD4680/AD4681. If
additional resolution is required, this resolution can be
achieved by configuring the resolution boost bit, RES, in the
CONFIGURATION1 register. See the Resolution Boost section
for further details.
In rolling average oversampling mode, all ADC conversions are
controlled and initiated by the falling edge of CS. After a
conversion is complete, the result is loaded into the FIFO. The
FIFO length is 8, regardless of the oversampling ratio set. The
FIFO is filled on the first conversion after a power-on reset, the
first conversion after a software controlled hard or soft reset, or
on the first conversion after the REFSEL bit is toggled. A new
conversion result is shifted into the FIFO on completion of
every ADC conversion, regardless of the status of the OSR bits
and the OS_MODE bit. This conversion allows a seamless
transition from no oversampling to rolling average oversampling,
or different rolling average oversampling ratios without waiting
for the FIFO to fill.
The number of samples, n, defined by the OSR bits are taken from
the FIFO, added together, and the result is divided by n. The time
between CS falling edges is the cycle time, which can be controlled
by the user, depending on the desired data output rate.
Table 10. Rolling Average Oversampling Performance Overview
Oversampling
Ratio
AD4680
AD4681
SNR (dB Typical)
Output Data Rate
(kSPS Maximum)
SNR (dB Typical)
Output Data Rate
(kSPS Maximum)
VREF = 2.5 V
VREF = 3.3 V
RES = 0
RES = 1
RES = 0
RES = 1
RES = 0
RES = 1
Disabled
91
91
92.5
92.5
1000
85
85
500
2
92
93
93.2
94.5
1000
84.5
87.7
500
4
94
96
94.8
97.2
1000
85
91
500
8
95.5
98.6
95.9
99.6
1000
85.5
93
500
CS
INTERNAL
VCC
SDI
SDOA
SDOB/ALERT
S1
ACQ
S2
ACQ
ENABLE OS = 2
ENABLE OS = 4
S1
DON’T CARE
S2
S3
ACQ
S4
ACQ
S5
ACQ
S6
ACQ
S7
ACQ
...
S1
FIFO
1
2
3
4
5
6
7
8
–
–
–
–
–
–
–
S2
FIFO
1
2
3
4
5
6
7
8
S1
–
–
–
–
–
–
S3
FIFO
1
2
3
4
5
6
7
8
S2
S1
–
–
–
–
–
S4
FIFO
1
2
3
4
5
6
7
8
S3
S2
S1
–
–
–
–
S5
FIFO
1
2
3
4
5
6
7
8
S4
S3
S2
S1
–
–
–
S6
FIFO
1
2
3
4
5
6
7
8
S5
S4
S3
S2
S1
–
–
S7
FIFO
1
2
3
4
5
6
7
8
S6
S5
S4
S3
S2
S1
–
(FIFO1 + FIFO2 +
FIFO3 + FIFO4)/4
(FIFO1 +
FIFO2)/2
(FIFO1 +
FIFO2)/2
(FIFO1 +
FIFO2)/2
Figure 35. Rolling Average Oversampling Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com