Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7380
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Data Sheet
AD4680/AD4681
Rev. 0 | Page 25 of 29
REGISTERS
The AD4680/AD4681 have user programmable on-chip registers for configuring the device. Table 13 shows a complete overview of the
registers available on the AD4680/AD4681. The registers are either read/write (R/W) or read only (R). Any read request to a write only
register is ignored. Any write request to a read only register is ignored. Writes to any other register address are considered an NOP and
are ignored. Any read request to a register address, other than those listed in Table 13, are considered an NOP, and the data transmitted
in the next SPI frame are the conversion results.
Table 13. Register Summary
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Hex. No.
Register Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x1
CONFIGURATION1
[15:8]
ADDRESSING
RESERVED
OS_MODE
OSR, Bit 2
0x0000
R/W
[7:0]
OSR, Bits[1:0]
CRC_W
CRC_R
ALERT_EN
RES
REFSEL
PMODE
0x2
CONFIGURATION2
[15:8]
ADDRESSING
RESERVED
SDO
0x0000
R/W
[7:0]
RESET
0x3
ALERT
[15:8]
ADDRESSING
RESERVED
CRCW_F
SETUP_F
0x0000
R
[7:0]
RESERVED
AL_B_HIGH
AL_B_LOW
RESERVED
AL_A_HIGH
AL_A_LOW
0x4
ALERT_LOW_THRESHOLD
[15:8]
ADDRESSING
ALERT_LOW, Bits[11:8]
0x0800
R/W
[7:0]
ALERT_LOW, Bits[7:0]
0x5
ALERT_HIGH_THRESHOLD
[15:8]
ADDRESSING
ALERT_HIGH, Bits[11:8]
0x07FF
R/W
[7:0]
ALERT_HIGH, Bits[7:0]
ADDRESSING REGISTERS
A serial register transfer on the AD4680/AD4681 consists of 16 SCLK cycles. The four MSBs written to the device are decoded to
determine which register is addressed. The four MSBs consist of the register address (REGADDR), Bits[14:12], and the read/write bit
(WR). The register address bits determine which on-chip register is selected. If the addressed register is a valid write register, the
read/write bit determines whether the remaining 12 bits of data on the SDI input are loaded into the addressed register. If the WR bit is
1, the bits load into the register addressed by the register select bits. If the WR bit is 0, the command is seen as a read request. The
addressed register data is available to be read during the next read operation.
Table 14. Addressing Register Format
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
WR
REGADDR
Data
Table 15. Bit Descriptions for Addressing Registers
Bit
Mnemonic
Description
D15
WR
When a 1 is written to this bit, Bits[11:0] of this register are written to the register specified by REGADDR, if it
is a valid address. Alternatively, when a 0 is written, the next data sent out on the SDOA pin is a read from
the designated register if it is a valid address.
D14 to D12
REGADDR
When WR = 1, the contents of REGADDR determine the register for selection as outlined in Table 13.
When WR = 0 and REGADDR contains a valid register address, the contents on the requested register are
output on the SDOA pin during the next interface access.
When WR = 0 and REGADDR contains 0x0, 0x6, or 0x7, the contents on the SDI line are ignored. The next
interface access results in the conversion results being read back.
D11 to D0
Data
These bits are written into the corresponding register specified by the REGADDR bits when the WR bit is
equal to 1 and the REGADDR bits contain a valid address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com