Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7380
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7380 Datasheet HTML 10Page - Analog Devices AD7380 Datasheet HTML 11Page - Analog Devices AD7380 Datasheet HTML 12Page - Analog Devices AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
AD4680/AD4681
Data Sheet
Rev. 0 | Page 14 of 29
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD4680/AD4681 are high speed, dual simultaneous sampling,
fully differential 16-bit, SAR ADCs. The AD4680/AD4681
operate from a 3.0 V to 3.6 V power supply and feature
throughput rates of 1 MSPS (AD4680) and 500 kSPS (AD4681).
The AD4680/AD4681 contain two SAR ADCs and a serial
interface with two separate data output pins. The device is
housed in a 16-lead LFCSP, offering the user considerable space-
saving advantages over alternative solutions.
Data is accessed from the device via the serial interface. The
interface can operate with one or two serial outputs. The
AD4680/AD4681 have an on-chip, 2.5 V, internal VREF. If an
external reference is desired, the internal reference can be
disabled, and a reference value ranging from 2.5 V to 3.3 V can
be supplied. If the internal reference is used elsewhere in the
system, the reference output must be buffered. The differential
analog input range for the AD4680/AD4681 is the common-
mode voltage (VCM) ± VREF/2.
The AD4680/AD4681 feature on-chip oversampling blocks to
improve performance. Rolling average oversampling mode and
power-down options that allow power saving between
conversions are also available. Configuration of the device is
implemented via the standard serial interface (see the Interface
section).
CONVERTER OPERATION
The AD4680/AD4681 have two SAR ADCs, each based around
two capacitive digital-to-analog converters (DACs). Figure 30
and Figure 31 show simplified schematics of one of the ADCs
in acquisition and conversion phases, respectively. The ADC
comprises control logic, an SAR, and two capacitive DACs. In
Figure 30 (the acquisition phase), SW3 is closed, SW1 and SW2
are in Position A, the comparator is held in a balanced
condition, and the sampling capacitor (CS) arrays can acquire
the differential signal on the input.
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
A
B
B
SW2
CS
CS
VREF
AINx+
AINx–
Figure 30. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 31), SW3 opens
and SW1 and SW2 move to Position B, causing the comparator
to become unbalanced. Both inputs are disconnected when the
conversion begins. The control logic and charge redistribution
DACs are used to add and subtract fixed amounts of charge
from the sampling capacitor arrays to bring the comparator
back into a balanced condition. When the comparator is
rebalanced, the conversion is complete. The control logic
generates the ADC output code. The output impedances of the
sources driving the AINx+ and AINx− pins must be matched.
Otherwise, the two inputs have different settling times,
resulting in errors.
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
A
B
B
SW2
CS
CS
VREF
AINx+
AINx–
Figure 31. ADC Conversion Phase
ANALOG INPUT STRUCTURE
Figure 32 shows the equivalent circuit of the analog input structure
of the AD4680/AD4681. The four diodes (D) provide ESD
protection for the analog inputs. Ensure that the analog input
signals never exceed the supply rails by more than 300 mV.
Exceeding the limit causes these diodes to become forward-
biased and start conducting into the substrate. These diodes can
conduct up to 10 mA without causing irreversible damage to
the device.
The C1 capacitors in Figure 32 are typically 3 pF and can primarily
be attributed to pin capacitance. The R1 resistors are lumped
components made up of the on resistance of the switches. The
value of these resistors is typically about 200 Ω. The C2 capacitors
are the sampling capacitors of the ADC with a capacitance of
15 pF typically.
VCC
C1
D
D
R1 C2
VCC
C1
D
D
R1 C2
AINx+
AINx–
Figure 32. Equivalent Analog Input Circuit,
Conversion Phase—Switches Open, Track Phase—Switches Closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com