Electronic Components Datasheet Search
  English  ▼

X  

AD9083EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9083EBZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083EBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9083EBZ Datasheet HTML 1Page - Analog Devices AD9083EBZ Datasheet HTML 2Page - Analog Devices AD9083EBZ Datasheet HTML 3Page - Analog Devices AD9083EBZ Datasheet HTML 4Page - Analog Devices AD9083EBZ Datasheet HTML 5Page - Analog Devices AD9083EBZ Datasheet HTML 6Page - Analog Devices AD9083EBZ Datasheet HTML 7Page - Analog Devices AD9083EBZ Datasheet HTML 8Page - Analog Devices AD9083EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 3 of 93
GENERAL DESCRIPTION
The AD9083 is a 16-channel, 125 MHz bandwidth, continuous
time Σ-Δ (CTSD) ADC. The device features an on-chip,
programmable, single-pole antialiasing filter and termination
resistor that is designed for low power, small size, and ease of
use.
The 16 ADC cores features a first-order, CTSD modulator
architecture with integrated, background nonlinearity
correction logic and self cancelling dither. Each ADC features
wide bandwidth inputs supporting a variety of user-selectable
input ranges. An integrated voltage reference eases design
considerations.
The analog input and clock signals are differential inputs. Each
ADC has a signal processing tile to filter out of band shaped
noise from the Σ-Δ ADC and reduce the sample rate. Each tile
contains a cascaded integrator comb (CIC) filter, a quadrature
digital downconverter (DDC) with multiple finite input
response (FIR) decimation filters (decimate by J block), or up
to three quadrature DDC channels with averaging decimation
filters for data gating applications.
Users can configure the Subclass 1 JESD204B based, high speed
serialized output in a variety of lane configurations (up to four),
depending on the DDC configuration and the acceptable lane rate
of the receiving logic device. Multiple device synchronization is
supported through the SYSREF±, TRIG±, and SYNCINB±
input pins.
The AD9083 has flexible power-down options that allow
significant power savings when desired. All of these features
can be programmed using a 1.8 V capable 3-wire serial port
interface (SPI).
The AD9083 is available in a Pb-free, 100-ball CSP_BGA and is
specified over the −40°C to +85°C industrial temperature range.
This product is protected by a U.S. patent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com