Electronic Components Datasheet Search
  English  ▼

X  

AD9083EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9083EBZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9083EBZ Datasheet HTML 21Page - Analog Devices AD9083EBZ Datasheet HTML 22Page - Analog Devices AD9083EBZ Datasheet HTML 23Page - Analog Devices AD9083EBZ Datasheet HTML 24Page - Analog Devices AD9083EBZ Datasheet HTML 25Page - Analog Devices AD9083EBZ Datasheet HTML 26Page - Analog Devices AD9083EBZ Datasheet HTML 27Page - Analog Devices AD9083EBZ Datasheet HTML 28Page - Analog Devices AD9083EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 25 of 93
EQUIVALENT CIRCUITS
GND
GND
RTERM
RTERM = 100Ω, 200Ω, OPEN
GND
VIN1+
AVDD1P8
AVDD1P8
C
R/2
R/2
GND
GND
VIN1–
AVDD1P8
C
R/2
R/2
Figure 47. Analog Inputs
172kΩ
172kΩ
100Ω
VCM
(0.5V)
GND
CLK+/
SYSREF+/
TRIG+
CLK–/
SYSREF–/
TRIG–
AVDD
30Ω
30Ω
GND
AVDD
Figure 48. CLK±, SYSREF±, and TRIG± Inputs
400Ω
DGND
RSTB/SCLK/
PD/STBY/CSB
DVDD1P8
Figure 49. RSTB, SCLK, PD/STBY, and CSB Inputs
400Ω
C
I
O EN
SDIO
DGND
DGND
DVDD1P8
DVDD1P8
Figure 50. SDIO Input/Output
SERDOUTx+
x = 0, 1, 2, 3
GND
DVDD
DE-EMPHASIS/SWING
CONTROL (SPI)
SERDOUTx–
x = 0, 1, 2, 3
GND
DVDD
DATA+
DATA–
OUTPUT
DRIVER
Figure 51. Digital Outputs
TD
AVDD1P8
1x DIODE
VOLTAGE
20x DIODE
VOLTAGE
TEMPERATURE
DIODE SELECT
TEMPERATURE
DIODE
ENABLE
GND
GND
GND
Figure 52. TD (Temperature Diode) Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com