Electronic Components Datasheet Search
  English  ▼

X  

AD9083EBZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9083EBZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083EBZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9083EBZ Datasheet HTML 60Page - Analog Devices AD9083EBZ Datasheet HTML 61Page - Analog Devices AD9083EBZ Datasheet HTML 62Page - Analog Devices AD9083EBZ Datasheet HTML 63Page - Analog Devices AD9083EBZ Datasheet HTML 64Page - Analog Devices AD9083EBZ Datasheet HTML 65Page - Analog Devices AD9083EBZ Datasheet HTML 66Page - Analog Devices AD9083EBZ Datasheet HTML 67Page - Analog Devices AD9083EBZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 64 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
Digital Datapath Setup Registers
0x100
NCO0_CONTROL
[7:1]
RESERVED
Reserved.
0x0
R
0
ADITHER_EN0
Amplitude Dither Enable for NCO0.
1: Enables amplitude dither.
0: Disables amplitude dither.
0x1
R/W
0x105
NCO0_FTW
7
RESERVED
Reserved.
0x0
R
[6:0]
NCO0_FTW
NCO Frequency Tuning Word for NCO0. Specifies
the frequency tuning word for NCO0. Only Bits[6:0]
are valid.
0x0
R/W
0x106
NCO0_PHOFF
7
RESERVED
Reserved.
0x0
R
[6:0]
NCO0_PHOFF
NCO Phase Offset for NCO0. Specifies the phase
offset for NCO0. Only Bits[6:0] are valid
0x0
R/W
0x107 NCO1_CONTROL
[7:1]
RESERVED
Reserved.
0x0
R
0
ADITHER_EN1
Amplitude Dither Enable for NCO1.
1: Enables amplitude dither.
0: Disables amplitude dither.
0x1
R/W
0x10C NCO1_FTW
7
RESERVED
Reserved.
0x0
R
[6:0]
NCO1_FTW
NCO Frequency Tuning Word for NCO1. Specifies
the frequency tuning word for NCO0. Only
Bits[6:0] are valid
0x0
R/W
0x10D NCO1_PHOFF
7
RESERVED
Reserved.
0x0
R
[6:0]
NCO1_PHOFF
NCO Phase Offset for NCO1. Specifies the phase
offset for NCO0. Only Bits[6:0] are valid
0x0
R/W
0x10E NCO2_CONTROL
[7:1]
RESERVED
Reserved.
0x0
R
0
ADITHER_EN2
Amplitude Dither Enable for NCO2.
1: Enables amplitude dither.
0: Disables amplitude dither.
0x1
R/W
0x113 NCO2_FTW
7
RESERVED
Reserved.
0x0
R
[6:0]
NCO2_FTW
NCO Frequency Tuning Word for NCO2. Specifies
the frequency tuning word for NCO0. Only
Bits[6:0] are valid
0x0
R/W
0x114 NCO2_PHOFF
7
RESERVED
Reserved.
0x0
R
[6:0]
NCO2_PHOFF
NCO Phase Offset for NCO2. Specifies the phase
offset for NCO0. Only Bits[6:0] are valid
0x0
R/W
0x115 MIXER_CTRL
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
MIXER_MODE
Mixer Mode.
0x0
R/W
00: Normal Mode: Output is input multiplied by
NCO data.
01: NCO Bypass Mode: Output is same as input.
10: Reserved.
11: NCO Test Mode : Output is constant times
NCO Data.
0x116 DP_CTRL
7
RESERVED
Reserved.
0x0
R
[6:5]
NUM_TONES
Number of Tones. Defines number of Tones per
ADC in Burst mode. This field is valid only for
BURST_MODE = 1 case.
0x3
R/W
00: Invalid.
01: 1 Tone.
10: 2 Tone.
11: 3 Tones.
4
DECI_ADC_DATA
ADC Output as input to J decimator.
1: ADC output to J decimator.
0: CIC output to J decimator.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com