Electronic Components Datasheet Search
  English  ▼

X  

AD9083EBZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9083EBZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083EBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9083EBZ Datasheet HTML 45Page - Analog Devices AD9083EBZ Datasheet HTML 46Page - Analog Devices AD9083EBZ Datasheet HTML 47Page - Analog Devices AD9083EBZ Datasheet HTML 48Page - Analog Devices AD9083EBZ Datasheet HTML 49Page - Analog Devices AD9083EBZ Datasheet HTML 50Page - Analog Devices AD9083EBZ Datasheet HTML 51Page - Analog Devices AD9083EBZ Datasheet HTML 52Page - Analog Devices AD9083EBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 49 of 93
SETTING UP THE AD9083 DIGITAL INTERFACE
The AD9083 has one JESD204B link. The serial outputs
(SERDOUT0± to SERDOUT3±) or lanes are considered to be
part of one JESD204B link. The maximum lane rate allowed by
the AD9083 is 16 Gbps.
The basic parameters that determine the link setup are
•
AD9083 datapath (nonburst or burst mode)
•
Number of converters per link (M).
•
Number of lanes per link (L).
•
N΄ is the number of bits per sample (JESD204B word size),
(AD9083 value = 12 or 16).
The lane line rate is related to the JESD204B parameters using
the following equation:
Lane Rate =
10
'
8
OUT
MN
f
L
 
××
×
 
 
where:
fOUT = fS/DECTOTAL.
fS is the ADC sample rate.
DECTOTAL is the total decimation rate of the signal processing
tile.
Table 24 shows the JESD204B output configurations supported
for the non-burst mode data path. Table 25 shows the
JESD204B output configurations supported for burst mode
data path. Take care to ensure that the serial line rate for a
given configuration is within the supported range of 0.25 Gbps
to 16 Gbps.
JESD204B TRANSPORT LAYER SETTINGS
See the JESD204B Overview section for details regarding the
transport layer information listed in Table 24 and Table 25.
Table 24. JESD2048 Output Configuration in Nonburst Mode Data
No. of Virtual Converters
Supported (Same Value as M)
JESD2048 Serial
Lane Rate
CIC N
NCO/Mixer
Decimate by J
L
M
F
S
N'
K
8
160 × fOUT
4
Bypassed
4, 8, 16
1
8
16
1
16
32
8
4, 8, 16
16
1, 4, 8, 16
120 × fOUT
4,
Bypassed
4, 8, 16
1
8
12
1
12
32
8
4, 8, 16
16
1, 4, 8, 16
80 × fOUT
4
Bypassed
4
2
8
8
1
16
32
8
1
16
1
60 × fOUT
4
Bypassed
4
2
8
6
1
12
32
8
1
16
1
40 × fOUT
4
Bypassed
1
4
8
4
1
16
32
8
1
30 × fOUT
4
1
4
8
3
1
12
32
8
1
16
320 × fOUT
4
Bypassed
8, 12, 16, 20, 24, 30, 40, 60
1
16
32
1
16
32
8
4, 8, 10, 12, 16, 20, 24, 30, 40,
60
16
4, 8, 10, 12, 16, 20, 24, 30, 40,
60
1
20, 40, 60
240 × fOUT
4
Bypassed
10, 12, 20, 24, 30, 40, 60
1
16
24
1
12
32
8
10, 12, 16, 20, 24, 30, 40, 60
16
8, 10, 12, 16, 20, 24, 30, 40,
60
1
16, 20, 40, 60
160 × fOUT
4
Bypassed
4, 8,
2
16
16
1
16
32
8
4
16
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com