Electronic Components Datasheet Search
  English  ▼

X  

AD9083EBZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9083EBZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083EBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9083EBZ Datasheet HTML 42Page - Analog Devices AD9083EBZ Datasheet HTML 43Page - Analog Devices AD9083EBZ Datasheet HTML 44Page - Analog Devices AD9083EBZ Datasheet HTML 45Page - Analog Devices AD9083EBZ Datasheet HTML 46Page - Analog Devices AD9083EBZ Datasheet HTML 47Page - Analog Devices AD9083EBZ Datasheet HTML 48Page - Analog Devices AD9083EBZ Datasheet HTML 49Page - Analog Devices AD9083EBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 46 of 93
TRANSPORT
LAYER
PHYSICAL
LAYER
DATA LINK
LAYER
Tx
OUTPUT
SAMPLE
CONSTRUCTION
FRAME
CONSTRUCTION
SCRAMBLER
ALIGNMENT
CHARACTER
GENERATION
8-BIT/10-BIT
ENCODER
CROSSBAR
MUX
SERIALIZER
PROCESSED
SAMPLES
FROM ADC
SYSREF_x
SYNCINB_x
Figure 86. Data Flow
FUNCTIONAL OVERVIEW
The block diagram in Figure 86 shows the flow of data through
the JESD204B hardware from the sample input to the physical
output. The processing can be divided into layers that are
derived from the open source initiative (OSI) model, widely
used to describe the abstraction layers of communications
systems. These layers are the transport layer, data link layer,
and physical layer (serializer and output driver).
Transport Layer
The transport layer handles packing the data (consisting of
samples and optional control bits) into JESD204B frames that
are mapped to 8-bit octets. The packing of samples into frames
are determined by the JESD204B configuration parameters for
number of lanes (L), number of converters (M), the number of
octets per lane per frame (F), the number of samples per
converter per frame (S), and the number of bits in a nibble
group (sometimes called the JESD204 word size − N’).
Samples are mapped in order starting from Converter 0, then
Converter 1, and so on until Converter M − 1. If S > 1, each
sample from the converter is mapped before mapping the
samples from the next converter. Each sample is mapped into
words formed by appending converter control bits, if enabled,
to the LSBs of each sample. The words are then padded with tail
bits, if necessary, to form nibble groups (NGs) of the appropriate
size as determined by the N’ parameter. The following equation
can be used to determine the number of tail bits within a nibble
group (JESD204B word):
T = N΄ − N – CS
Data Link Layer
The data link layer is responsible for the low level functions
of passing data across the link. These include optionally
scrambling the data, inserting control characters during the
initial lane alignment sequence (ILAS) and for frame and
multiframe synchronization monitoring, and encoding 8-bit
octets into 10-bit symbols. The data link layer is also responsible
for sending the ILAS, which contains the link configuration
data used by the receiver to verify the settings in the transport
layer.
The implementation of the data link layer is discussed in the
JESD204B Link Establishment section.
Physical Layer
The physical layer consists of the high speed circuitry clocked at
the serial clock rate. In this layer, parallel data is converted into
one, two, or four lanes of high speed differential serial data. The
implementation of the Physical Layer is covered in the Physical
Layer (Driver) Outputs section.
JESD204B LINK ESTABLISHMENT
The AD9083 JESD204B transmitter (Tx) interface operates in
Subclass 0 or Subclass 1 as defined in the JEDEC Standard
JESD204B (July 2011 specification). The link establishment
process is divided into the following steps: code group synchro-
nization, initial lane alignment sequence, and user data and error
correction.
Code Group Synchronization (CGS)
CGS is the process by which the JESD204B receiver finds the
boundaries between the 10-bit symbols in the stream of data.
During the CGS phase, the JESD204B transmit block transmits
/K/ characters (/K28.5/ symbols). The receiver must locate the
/K/ characters in its input data stream using clock and data
recovery (CDR) techniques.
The receiver issues a synchronization request by asserting the
SYNCINB± pin of the AD9083 low. The JESD204B Tx then begins
sending /K/ characters. After the receiver has synchronized, it waits
for the correct reception of at least four consecutive /K/ symbols. It
then de-asserts SYNCINB±. The AD9083 then transmits an ILAS
on the following local multiframe clock (LMFC) boundary.
For more information on the code group synchronization
phase, refer to the JEDEC Standard JESD204B, July 2011,
Section 5.3.3.1.
The SYNCINB± pin operation can also be controlled by the
SPI. The SYNCINB± signal is a differential dc-coupled LVDS
mode signal by default, but it can also be driven single-ended.
The SYNCINB± pins can also be configured to run in CMOS
(single-ended) mode by setting Bit 0 in Register 0x447. When
running SYNCINB± in CMOS mode, connect the CMOS
SYNCINB signal to Pin 21 (SYNCINB+) and leave Pin 20
(SYNCINB−) disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com