Electronic Components Datasheet Search
  English  ▼

X  

AD9083EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9083EBZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9083EBZ Datasheet HTML 2Page - Analog Devices AD9083EBZ Datasheet HTML 3Page - Analog Devices AD9083EBZ Datasheet HTML 4Page - Analog Devices AD9083EBZ Datasheet HTML 5Page - Analog Devices AD9083EBZ Datasheet HTML 6Page - Analog Devices AD9083EBZ Datasheet HTML 7Page - Analog Devices AD9083EBZ Datasheet HTML 8Page - Analog Devices AD9083EBZ Datasheet HTML 9Page - Analog Devices AD9083EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 6 of 93
AC Specifications for Different Variable Settings
See the AN-835 for definitions and for details on how the tests shown in this section were completed. fS is the sample clock of the converter core.
Backoff is the reduction in front-end gain for increased linearity. EN_HP increases the SNR by 2.5 dB at an increased power dissipation.
Table 4. Variable Settings: fS = 2.0 GSPS, Backoff = 0, and EN_HP = 0
Parameters
Test Conditions/Comments
Min
Typ
Max
Unit
NSD
Flicker Noise Corner
1
MHz
At 15.625 MHz (fS/128)
AIN = −2.0 dBFS
−155
dBFS/Hz
At 31.25 MHz (fS/64)
AIN = −2.0 dBFS
−153
dBFS/Hz
At 100 MHz (fS/20)
AIN = −2.0 dBFS
−145
dBFS/Hz
SNR
AIN = −2.0 dBFS
7.8 MHz to 23.4 MHz (15.625 MHz Bandwidth)
82
dBFS
23.4 MHz to 39 MHz (15.625 MHz Bandwidth)
80
dBFS
92.2 MHz to 107.8 MHz (15.625 MHz Bandwidth)
71
dBFS
DC to 15.625 MHz
82
dBFS
DC to 31.25 MHz
76
dBFS
DC to 100 MHz
66
dBFS
SFDR/HD3
AIN = −2.0 dBFS
At fS/128
−80
dBc
At fS/64
−75
dBc
At fS/20
−60
dBc
IMD3
AIN = −8.0 dBFS
At fS/128
−80
dBc
At fS/64
−75
dBc
At fS/20
−60
dBc
Table 5. Variable Settings: fS = 2.0 GSPS, Backoff = 3, and EN_HP = 0
Parameters
Test Conditions/Comments
Min
Typ
Max
Unit
NSD
Flicker Noise Corner
1
MHz
At 15.625 MHz (fS/128)
AIN = −2.0 dBFS
−153
dBFS/Hz
At 31.25 MHz (fS/64)
AIN = −2.0 dBFS
−151
dBFS/Hz
At 100 MHz (fS/20)
AIN = −2.0 dBFS
−143
dBFS/Hz
SNR
AIN = −2.0 dBFS
7.8 MHz to 23.4 MHz (15.625 MHz Bandwidth)
80
dBFS
23.4 MHz to 39 MHz (15.625 MHz Bandwidth)
74
dBFS
92.2 MHz to 107.8 MHz (15.625 MHz Bandwidth)
64
dBFS
DC to 15.625 MHz
80
dBFS
DC to 31.25 MHz
74
dBFS
DC to 100 MHz
64
dBFS
SFDR/HD3
AIN = −2.0 dBFS
At fS/128
−81
dBc
At fS/64
−78
dBc
At fS/20
−63
dBc
IMD3
AIN = −8.0 dBFS
At fS/128
−81
dBc
At fS/64
−77
dBc
At fS/20
−63
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com