Electronic Components Datasheet Search
  English  ▼

X  

ADG5401F Datasheet(PDF) 4 Page - Analog Devices

Part # ADG5401F
Description  짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401F Datasheet(HTML) 4 Page - Analog Devices

  ADG5401F Datasheet HTML 1Page - Analog Devices ADG5401F Datasheet HTML 2Page - Analog Devices ADG5401F Datasheet HTML 3Page - Analog Devices ADG5401F Datasheet HTML 4Page - Analog Devices ADG5401F Datasheet HTML 5Page - Analog Devices ADG5401F Datasheet HTML 6Page - Analog Devices ADG5401F Datasheet HTML 7Page - Analog Devices ADG5401F Datasheet HTML 8Page - Analog Devices ADG5401F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADG5421F
Data Sheet
Rev. 0 | Page 4 of 31
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Drain Leakage Current, ID
With Overvoltage
±0.1
nA typ
VDD = +16.5 V, VSS = −16.5 V,
GND = 0 V, VS = ±60 V, see Figure 34
±0.2
±2
±20
nA max
VDD = +16.5 V, VSS = −16.5 V,
GND = 0 V, VS = ±60 V
Power Supplies Grounded
±0.1
nA typ
VDD = 0 V, VSS = 0 V, GND = 0 V,
VS = ±60 V, IN = 0 V, see Figure 35
±0.2
±2
±20
nA max
VDD = 0 V, VSS = 0 V, GND = 0 V,
VS = ±60 V, IN = 0 V
Power Supplies Floating
±0.1
µA typ
VDD = floating, VSS = floating, GND =
0 V, VS = ±60 V, IN = 0 V, see Figure 35
DIGITAL INPUTS AND OUTPUTS
Input Voltage High, VINH
1.3
V min
Input Voltage Low, VINL
0.8
V max
Input Low or High Current, IINL or IINH
0.7
µA typ
Input voltage (VIN) = 0 V or 5 V
1
µA max
VIN = 0 V or 5 V
Digital Input Capacitance, CIN
5
pF typ
Output Voltage Low, VOL
0.4
V max
Fault flag current (IFF) = 2 mA
DYNAMIC CHARACTERISTICS
On Time, tON
11.2
µs typ
Load resistance (RL) = 300 Ω,
load capacitance (CL) = 35 pF,
VS = 10 V, see Figure 45
14.1
14.1
14.1
µs max
RL = 300 Ω, CL = 35 pF, VS = 10 V
Off Time, tOFF
140
ns typ
RL = 300 Ω, CL = 35 pF, VS = 10 V, see
Figure 45
170
170
170
ns max
RL = 300 Ω, CL = 35 pF, VS = 10 V
Break-Before-Make Time Delay, tD
10
µs typ
RL = 300 Ω, CL = 35 pF, VS = 10 V
7.7
7.6
7.6
µs min
RL = 300 Ω, CL = 35 pF, VS = 10 V
Overvoltage Response Time, tRESPONSE
Positive
160
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 40
180
190
190
ns max
RL = 1 kΩ, CL = 5 pF
Negative
420
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 41
510
540
570
ns max
RL = 1 kΩ, CL = 5 pF
Overvoltage Recovery Time, tRECOVERY
9.8
µs typ
RL = 1 kΩ, CL = 5 pF, see Figure 42
12.8
12.8
12.8
µs max
RL = 1 kΩ, CL = 5 pF
Interrupt Flag Response Time, tDIGRESP
110
ns typ
Pull-up resistor (RPULLUP) = 1 kΩ, CL =
12 pF, pull-up voltage (VPULL_UP) = 5 V,
see Figure 43
130
140
140
ns max
RPULLUP = 1 kΩ, CL = 12 pF,
VPULL_UP = 5 V
Interrupt Flag Recovery Time, tDIGREC
1.8
µs typ
RPULLUP = 1 kΩ, CL = 12 pF,
VPULL_UP = 5 V, see Figure 44
2.4
2.6
2.6
µs max
RPULLUP = 1 kΩ, CL = 12 pF,
VPULL_UP = 5 V
Charge Injection, QINJ
−135
pC typ
VS = 0 V, source resistor (RS) = 0 Ω,
CL = 1 nF, see Figure 46
Off Isolation
−85
dB typ
RL = 50 Ω, CL = 5 pF,
frequency (f) = 1 MHz, see Figure 36
Channel to Channel Crosstalk
−78
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see
Figure 37
Total Harmonic Distortion Plus Noise,
THD + N
0.001
% typ
RL = 10 kΩ, VS = 10 V p-p,
f = 20 Hz to 20 kHz, see Figure 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com