Electronic Components Datasheet Search
  English  ▼

X  

ADG5401F Datasheet(PDF) 3 Page - Analog Devices

Part # ADG5401F
Description  짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401F Datasheet(HTML) 3 Page - Analog Devices

  ADG5401F Datasheet HTML 1Page - Analog Devices ADG5401F Datasheet HTML 2Page - Analog Devices ADG5401F Datasheet HTML 3Page - Analog Devices ADG5401F Datasheet HTML 4Page - Analog Devices ADG5401F Datasheet HTML 5Page - Analog Devices ADG5401F Datasheet HTML 6Page - Analog Devices ADG5401F Datasheet HTML 7Page - Analog Devices ADG5401F Datasheet HTML 8Page - Analog Devices ADG5401F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
ADG5421F
Rev. 0 | Page 3 of 31
SPECIFICATIONS
Table 1. Operating Supply Voltages
Parameter
Min
Typ
Max
Unit
SUPPLY VOLTAGE
Dual
±5
±22
V
Single
8
44
V
±15 V DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V ± 10%, and GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
VDD = +13.5 V, VSS = −13.5 V
Analog Signal Range
VSS to
VDD − 2
V
On Resistance, RON
11.5
Ω typ
Source voltage (VS) = VSS to 10 V,
source current (IS) = 10 mA, see
Figure 31
14
17.5
20.5
Ω max
VS = VSS to 10 V, IS = 10 mA
11
Ω typ
VS = VSS to 9 V, IS = 10 mA
13.5
17
20
Ω max
VS = VSS to 9 V, IS = 10 mA
On-Resistance Flatness, RFLAT (ON)
0.3
Ω typ
VS = VSS to 10 V, IS = 10 mA
0.7
0.8
0.9
Ω max
VS = VSS to 10 V, IS = 10 mA
0.02
Ω typ
VS = VSS to 9 V, IS = 10 mA
0.06
0.1
0.1
Ω max
VS = VSS to 9 V, IS = 10 mA
On-Resistance Matching, RMATCH (ON)
0.02
Ω typ
VS = VSS to 10 V, IS = 10 mA
0.2
0.35
0.45
Ω max
VS = VSS to 10 V, IS = 10 mA
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±0.05
nA typ
VS = ±10 V, drain voltage (VD) =
10V,
see Figure 32
±0.2
±2.5
±22
nA max
VS = ±10 V, drain voltage (VD) =
10 V
±8
nA max
VS = ±10 V, drain voltage (VD) =
10V,
−40°C to +105°C
Drain Off Leakage, ID (Off)
±0.05
nA typ
VS = ±10 V, VD =
10 V,see Figure 32
±0.2
±2.5
±22
nA max
VS = ±10 V, VD =
10 V
±8
nA max
VS = ±10 V, VD =
10 V,
−40°C to +105°C
Channel On Leakage, ID (On), IS (On)
±0.05
nA typ
VS = ±10 V, VD = ±10 V, see Figure 33
±0.3
±3.5
±30
nA max
VS = ±10 V, VD = ±10 V
±14
nA max
VS = ±10 V, VD = ±10 V,
−40°C to +105°C
FAULT
Threshold Voltage, VT
0.7
V
See Figure 25
Source Leakage Current, IS
With Overvoltage
±30
µA typ
VDD = +16.5 V, VSS = −16.5 V,
GND = 0 V, VS = ±60 V, see Figure 34
Power Supplies Grounded or
Floating
±5.5
µA typ
VDD = 0 V or floating, VSS = 0 V or
floating, GND = 0 V, IN = 0 V or
floating, VS = ±60 V, see Figure 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com