Electronic Components Datasheet Search
  English  ▼

X  

ADG5401F Datasheet(PDF) 23 Page - Analog Devices

Part # ADG5401F
Description  짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401F Datasheet(HTML) 23 Page - Analog Devices

Back Button ADG5401F Datasheet HTML 19Page - Analog Devices ADG5401F Datasheet HTML 20Page - Analog Devices ADG5401F Datasheet HTML 21Page - Analog Devices ADG5401F Datasheet HTML 22Page - Analog Devices ADG5401F Datasheet HTML 23Page - Analog Devices ADG5401F Datasheet HTML 24Page - Analog Devices ADG5401F Datasheet HTML 25Page - Analog Devices ADG5401F Datasheet HTML 26Page - Analog Devices ADG5401F Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
ADG5421F
Rev. 0 | Page 23 of 31
VSS – 0.5V
5V
0V
OUTPUT
(VD) + 1V
tRESPONSE
SOURCE
VOLTAGE
(VS)
CL*
5pF
RPULLUP
1kΩ
5V
VD
ADG5421F
GND
Sx
Dx
0.1µF
0.1µF
VS
VDD
VSS
VDD
VSS
*INCLUDES TRACK CAPACITANCE
Figure 41. Negative Overvoltage Response Time, Single-Supply, tRESPONSE
VD
ADG5421F
GND
Sx
Dx
CL*
5pF
0.1µF
0.1µF
VS
VDD
VSS
VDD
VSS
RL
1kΩ
*INCLUDES TRACK CAPACITANCE
VDD + 0.5V
1V
0V
0V
OUTPUT
(VD)
tRECOVERY
SOURCE
VOLTAGE
(VS)
Figure 42. Overvoltage Recovery Time, tRECOVERY
VDD + 0.5V
0V
0V
OUTPUT
(VFF)
tDIGRESP
0.1VOUT
SOURCE
VOLTAGE
(VS)
OUTPUT
ADG5421F
GND
Sx
FF
Dx
CL*
12pF
0.1µF
0.1µF
VS
VDD
VSS
5V
VDD
VSS
RPULLUP
1kΩ
*INCLUDES TRACK CAPACITANCE
Figure 43. Interrupt Flag Response Time, tDIGRESP (VFF Is the Fault Flag Voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com