Electronic Components Datasheet Search
  English  ▼

X  

ADG5401F Datasheet(PDF) 12 Page - Analog Devices

Part # ADG5401F
Description  짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401F Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG5401F Datasheet HTML 8Page - Analog Devices ADG5401F Datasheet HTML 9Page - Analog Devices ADG5401F Datasheet HTML 10Page - Analog Devices ADG5401F Datasheet HTML 11Page - Analog Devices ADG5401F Datasheet HTML 12Page - Analog Devices ADG5401F Datasheet HTML 13Page - Analog Devices ADG5401F Datasheet HTML 14Page - Analog Devices ADG5401F Datasheet HTML 15Page - Analog Devices ADG5401F Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ADG5421F
Data Sheet
Rev. 0 | Page 12 of 31
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
DIGITAL INPUTS AND OUTPUTS
VINH
1.3
V min
VINL
0.8
V max
IINL or IINH
0.7
µA typ
VIN = 0 V or 5 V
1
µA max
VIN = 0 V or 5 V
CIN
5
pF typ
VOL
0.4
V max
IFF = 2 mA
DYNAMIC CHARACTERISTICS
tON
7.2
µs typ
RL = 300 Ω, CL = 35 pF, VS = 18 V,
see Figure 45
8.7
8.7
8.7
µs max
RL = 300 Ω, CL = 35 pF, VS = 18 V
tOFF
200
ns typ
RL = 300 Ω, CL = 35 pF, VS = 18 V,
see Figure 45
240
250
250
ns max
RL = 300 Ω, CL = 35 pF, VS = 18 V
tD
6
µs typ
RL = 300 Ω, CL = 35 pF, VS = 18 V
4.7
4.6
4.6
µs min
RL = 300 Ω, CL = 35 pF, VS = 18 V
tRESPONSE
Positive
240
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 40
290
290
290
ns max
RL = 1 kΩ, CL = 5 pF
Negative
600
ns typ
RPULLUP = 1 kΩ, CL = 5 pF, see Figure 41
700
700
700
ns max
RPULLUP = 1 kΩ, CL = 5 pF
tRECOVERY
6.6
µs typ
RL = 1 kΩ, CL = 5 pF, see Figure 42
10.7
10.8
11.3
µs max
RL = 1 kΩ, CL = 5 pF
tDIGRESP
120
ns typ
RPULLUP = 1 kΩ, CL = 12 pF, VPULL_UP = 5 V,
see Figure 43
150
150
150
ns max
RPULLUP = 1 kΩ, CL = 12 pF, VPULL_UP = 5 V
tDIGREC
4.1
µs typ
RPULLUP = 1 kΩ, CL = 12 pF, VPULL_UP = 5 V,
see Figure 44
7.8
8
8.5
µs max
RPULLUP = 1 kΩ, CL = 12 pF, VPULL_UP = 5 V
QINJ
−115
pC typ
VS = 18 V, RS = 0 Ω, CL = 1 nF,
see Figure 46
Off Isolation
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 36
Channel to Channel Crosstalk
−78
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 37
THD + N
0.0008
% typ
RL = 10 kΩ, VS = 18 V p-p,
f = 20 Hz to 20 kHz, see Figure 39
−3 dB Bandwidth
630
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 38
Insertion Loss
−0.95
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 38
CS (Off)
6
pF typ
VS = 18 V, f = 1 MHz
CD (Off)
5
pF typ
VS = 18 V, f = 1 MHz
CD (On), CS (On)
10
pF typ
VS = 18 V, f = 1 MHz
CDFLAT (On), CSFLAT (On)
3.3
pF typ
VS = VSS to VDD − 2 V, f = 1 MHz
CMATCH (On)
0.3
pF typ
VS = VSS to VDD − 2 V, f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com