Electronic Components Datasheet Search
  English  ▼

X  

ADG5401F Datasheet(PDF) 1 Page - Analog Devices

Part # ADG5401F
Description  짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401F Datasheet(HTML) 1 Page - Analog Devices

  ADG5401F Datasheet HTML 1Page - Analog Devices ADG5401F Datasheet HTML 2Page - Analog Devices ADG5401F Datasheet HTML 3Page - Analog Devices ADG5401F Datasheet HTML 4Page - Analog Devices ADG5401F Datasheet HTML 5Page - Analog Devices ADG5401F Datasheet HTML 6Page - Analog Devices ADG5401F Datasheet HTML 7Page - Analog Devices ADG5401F Datasheet HTML 8Page - Analog Devices ADG5401F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
±60 V Fault Protection and Detection,
11 Ω RON, Dual SPST Switch
Data Sheet
ADG5421F
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Overvoltage fault protection up to ±60 V on S1 and S2 pins
Power-off protection up to ±60 V on S1 and S2 pins
Known state without digital inputs present
Low on resistance of 11 Ω typical
Ultraflat, on resistance
Latch-up immune under any circumstance
3.5 kV human body model (HBM) ESD rating
VSS to VDD −2 V signal range
Fully specified at ±15 V, ±20 V, +12 V, and +36 V
±5 V to ±22 V dual-supply operation
8 V to 44 V single-supply operation
10-lead, 3 mm × 2 mm, LFCSP
APPLICATIONS
Analog input and output modules
Process control and distributed control systems
Data acquisition
Instrumentation
Avionics
Automatic test equipment
Communication systems
Relay replacement
GENERAL DESCRIPTION
The ADG5421F is a dual SPST, low on resistance switch that
features overvoltage protection, power-off protection, and
overvoltage detection on the source pins.
When no power supplies are present, the switch remains in the
off condition, and the switch inputs are high impedance. When
powered, if the analog input signal levels on either of the Sx pins
exceed VDD or VSS by the threshold voltage, VT, both switches
turn off together, and the open-drain fault flag (FF) pin pulls to a
logic low. Input signal levels up to +60 V or −60 V relative to
ground are blocked in both the powered and unpowered
condition.
The switches turn on with a Logic 1 input and conduct equally
well in both directions. The digital input is compatible with
1.8 V logic inputs over the full operating supply range.
FUNCTIONAL BLOCK DIAGRAM
D1
S1
IN1
ADG5421F
FF
D2
S2
FAULT
DETECTION
AND SWITCH
DRIVER
IN2
Figure 1.
COMPANION PRODUCTS
Precision 24-Bit ADC: AD7768-1
Precision 16-Bit, 2 MSPS SAR ADC: AD4000
PRODUCT HIGHLIGHTS
1. Source pins are protected against voltages greater than the
supply rails, up to −60 V and +60 V in both powered and
unpowered state.
2. Overvoltage detection with digital output indicates
operating state of switches.
3. Trench isolation guards against latch-up.
4. The ADG5421F can operate from a dual supply of ±5 V up
to ±22 V or a single power supply of +8 V up to +44 V.
5. Negative channel metal oxide semiconductor (NMOS)
only architecture requires 2 V headroom towards VDD and
provides low RON and low RON flatness across the signal
range of VSS to VDD − 2 V.


Similar Part No. - ADG5401F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5401F AD-ADG5401F Datasheet
566Kb / 32P
Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
8/2020-Revision 0
ADG5401FBCPZ-RL7 AD-ADG5401FBCPZ-RL7 Datasheet
566Kb / 32P
Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
8/2020-Revision 0
More results

Similar Description - ADG5401F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5113 ONSEMI-NLAS5113 Datasheet
85Kb / 6P
1??RON SPST Switch
October, 2007 - Rev. 0
logo
Analog Devices
ADG451 AD-ADG451_06 Datasheet
411Kb / 16P
LC2MOS 5 廓 RON SPST Switches
REV. C
ADG5462F AD-ADG5462F Datasheet
634Kb / 29P
User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
REV. B
ADG5404F AD-ADG5404F Datasheet
560Kb / 30P
Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
REV. B
ADG5412BF AD-ADG5412BF Datasheet
583Kb / 28P
Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
REV. B
ADG5412F AD-ADG5412F Datasheet
581Kb / 28P
Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
REV. B
ADG5436F AD-ADG5436F Datasheet
1Mb / 30P
Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
REV. B
ADG5401F AD-ADG5401F Datasheet
566Kb / 32P
Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
8/2020-Revision 0
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
6/2020-Revision 0
ADG7421F AD-ADG7421F Datasheet
1Mb / 30P
Low Voltage Fault Protection and Detection, 12 廓 RON, Dual SPST Switch
7/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com