Electronic Components Datasheet Search
  English  ▼

X  

ADG5401F Datasheet(PDF) 19 Page - Analog Devices

Part # ADG5401F
Description  짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401F Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG5401F Datasheet HTML 15Page - Analog Devices ADG5401F Datasheet HTML 16Page - Analog Devices ADG5401F Datasheet HTML 17Page - Analog Devices ADG5401F Datasheet HTML 18Page - Analog Devices ADG5401F Datasheet HTML 19Page - Analog Devices ADG5401F Datasheet HTML 20Page - Analog Devices ADG5401F Datasheet HTML 21Page - Analog Devices ADG5401F Datasheet HTML 22Page - Analog Devices ADG5401F Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
ADG5421F
Rev. 0 | Page 19 of 31
0.0030
0.0005
0
0.0010
0.0015
0.0020
0.0025
0
20
16
12
4
8
FREQUENCY (kHz)
SINGLE SUPPLY = 12V
SINGLE SUPPLY = 36V
DUAL SUPPLY = ±20V
DUAL SUPPLY = ±15V
RL = 10kΩ
TA = 25°C
Figure 21. THD + N vs. Frequency
0
–8
–6
–7
–5
–4
–3
–2
–1
100
1k
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
Figure 22. Insertion Loss vs. Frequency,
±15 V Dual Supply
0
–140
–120
–100
–80
–60
–40
–20
100
1k
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
Figure 23. Crosstalk vs. Frequency, ±15 V Dual Supply
16
14
12
10
8
6
4
2
0
0
120
100
80
60
40
20
–20
–40
TEMPERATURE (°C)
tON (+36V)
tOFF (+36V)
tON (±15V)
tOFF (±15V)
tON (±20V)
tOFF (±20V)
tON (+12V)
tOFF (+12V)
Figure 24. tON, tOFF Times vs. Temperature for Various Supplies
0.90
0.85
0.75
0.65
0.80
0.70
0.60
0.55
0.50
125
85
15
0
–40
TEMPERATURE (°C)
VSS = –15V
VDD = +15V
Figure 25. VT vs. Temperature, ±15 V Dual Supply
20
18
16
14
12
10
8
6
4
2
0
0
15
10
5
–10
–5
–15
VS (V)
OFF DRAIN
OFF SOURCE
ON SOURCE DRAIN
TA = 25°C
Figure 26. Pin Capacitance vs. VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com