Electronic Components Datasheet Search
  English  ▼

X  

ADG5401F Datasheet(PDF) 20 Page - Analog Devices

Part # ADG5401F
Description  짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401F Datasheet(HTML) 20 Page - Analog Devices

Back Button ADG5401F Datasheet HTML 16Page - Analog Devices ADG5401F Datasheet HTML 17Page - Analog Devices ADG5401F Datasheet HTML 18Page - Analog Devices ADG5401F Datasheet HTML 19Page - Analog Devices ADG5401F Datasheet HTML 20Page - Analog Devices ADG5401F Datasheet HTML 21Page - Analog Devices ADG5401F Datasheet HTML 22Page - Analog Devices ADG5401F Datasheet HTML 23Page - Analog Devices ADG5401F Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ADG5421F
Data Sheet
Rev. 0 | Page 20 of 31
1.0
0.8
0.6
0.4
0.2
0
–1.0
–0.8
–0.6
–0.4
–0.2
–20
–10
0
10
20
30
VS (V)
VDD = +15V, VSS = –15V
VDD = +20V, VSS = –20V
VDD = 36V, VSS = 0V
TA = 25°C
VDD = 12V, VSS = 0V
Figure 27. Pin Capacitance Matching vs. VS
CH1 10.0V
CH3 10.0V
CH2 10.0V
1.00µs
A CH1
15.4V
T
0.000000s
2
T
FF
VDD
Dx
Sx
CH4 10.0V
VDD = +15V
VSS = −15V
Figure 28. Drain Output Response to Positive Overvoltage
CH1 10.0V
CH3 10.0V
CH2 10.0V
CH4 10.0V
1.00µs
A CH1
–15.0V
T
–70.00000ns
2
T
FF
VSS
Dx
Sx
VDD = +15V
VSS = −15V
Figure 29. Drain Output Response to Negative Overvoltage
20
16
12
8
4
0
100
10
1
FREQUENCY (MHz)
VDD = +10V
VSS = −10V
TA = 25°C
Figure 30. Large Voltage Signal Voltage vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com