Electronic Components Datasheet Search
  English  ▼

X  

ADAQ8088BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADAQ8088BBCZ
Description  Dual-, Differential, Low-Pass Filter 關Module with Gain and ADC Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ8088BBCZ Datasheet(HTML) 3 Page - Analog Devices

  ADAQ8088BBCZ Datasheet HTML 1Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 2Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 3Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 4Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 5Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 6Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 7Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 8Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADAQ8088
Rev. 0 | Page 3 of 14
SPECIFICATIONS
VCC = 3.0 V, common-mode voltage (VCM) floating, VINAP, VINAN, VINBP, and VINBN are self biased, differential 63 mV p-p input
at 1 MHz, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Impedance
Each input to GND
249/1
Ω/pF
Open Circuit Voltage at VIN Pins
VCC = 2.7 V
1.15
V dc
VCC = 3.0 V
1.25
V dc
VCC = 3.3 V
1.38
V dc
Input Current
Each input to GND, VCC = 2.7 V
−550
μA
VCC = 3.0 V
−610
μA
VCC = 3.3 V
−670
μA
Input Offset Current
Each input to GND, VCC = 2.7 V
±3.5
μA
VCC = 3.0 V
±4.0
μA
VCC = 3.3 V
±4.5
μA
Input Common-Mode Voltage Range
GND
VCC
V
Differential RTI Vos
Each input to GND, maximum =
average + 4δ
+0.7
mV
VOS Drift
TA = −40°C to +85°C
7.5
μV/
C
DYNAMIC CHARACTERISTICS
Bandwidth
VOUT = 2 V p-p differential, RL = 1 kΩ
36
MHz
Bandwidth Drift
TA = -40
C to +85C
0.1
MHz/
C
Total Harmonic Distortion (THD)
−63
dB
Slew Rate
180
V/μs
Differential Gain
With no external resistors
30
dB
Gain Error
Channel to channel, at 10 MHz
±0.2
dB
Gain Drift
TA = -40
C to +85C
0.01
dB/
C
Phase Match Error
Channel to channel, at 10 MHz
0.5
Degrees
OUTPUT CHARACTERISTICS
Output Voltage
High
RL = 806 Ω, either output pin
2.15
V
Low
RL = 806 Ω, either output pin
0.17
V
Output Short-Circuit Current
50
mA
Output Balance Error
−60
dB
Output Resistance
In series with each output
10
Ω
Crosstalk
80
dB
 
NOISE AND HARMONIC PERFORMANCE
RTI Voltage Noise Density
At 1 MHz
7
nV/√Hz
At 10 MHz
6
nV/√Hz
RTO Voltage Noise Density
Gain = 30 dB, f = 1 MHz
220
nV/√Hz
Gain = 30 dB, f = 10 MHz
190
nV/√Hz
1/f Corner
20
kHz
VCM CHARACTERISATICS
VCM Gain
1
V/V
VCM Range
0.5
2
V
VCM Input Resistance
18
kΩ
POWER SUPPLY
Operating Range
2.7
3.3
V
Quiescent Current
71
88
mA
PSRR
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com