Electronic Components Datasheet Search
  English  ▼

X  

ADAQ8088BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADAQ8088BBCZ
Description  Dual-, Differential, Low-Pass Filter 關Module with Gain and ADC Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ8088BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAQ8088BBCZ Datasheet HTML 3Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 4Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 5Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 6Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 7Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 8Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 9Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 10Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADAQ8088
Rev. 0 | Page 7 of 14
–180
–216
–252
–288
–324
–360
–144
–72
0
–108
–36
0.1
100
10
1
FREQUENCY (MHz)
Figure 9. Phase Response with Gain Set to 30 dB, Input = −20 dBm
1
–10
–6
–4
–8
–9
–7
–5
–3
–2
0
–1
0.1
100
10
1
FREQUENCY (MHz)
CHANNEL Q
CHANNEL I
Figure 10. Normalized Frequency Response, Input = −20 dBm
2
–10
–8
–6
–4
0
–2
0.1
100
10
1
FREQUENCY (MHz)
3.3V
3.0V
2.7V
Figure 11. Frequency Response vs. Supply, Input = −20 dBm
40
–100
–80
–60
–40
–20
20
0
0.1
1000
100
10
1
FREQUENCY (MHz)
CHANNEL Q
CHANNEL Q TO I
CHANNEL I
CHANNEL I TO Q
Figure 12. I/Q Channel Crosstalk
0.05
–0.05
–0.03
–0.01
0.01
0.03
1.8
–1.6
–1.4
–0.4
–1.0
–1.2
0
–0.8
0.4
0.8
1.6
1.2
–0.6
–0.2
0.2
0.6
1.4
1.0
–10
60
50
40
30
20
10
0
TIME (ns)
OUTPUT
INPUT
INPUT = 80mV p-p
Figure 13. Step Response with Gain Set to 30 dB
0
–120
–60
–80
–100
–40
–20
060
50
40
30
20
10
FREQUENCY (MHz)
–0.3dBFS
–91dBc
FUND
2ND 3RD
–81dBc
ADAQ8088 DRIVING AD9681
FFT OF Q CHANNEL
Q INPUT 6MHz, 63mV p-p
NO I INPUT
Figure 14. Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com