Electronic Components Datasheet Search
  English  ▼

X  

ADAQ8088BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADAQ8088BBCZ
Description  Dual-, Differential, Low-Pass Filter 關Module with Gain and ADC Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ8088BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAQ8088BBCZ Datasheet HTML 6Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 7Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 8Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 9Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 10Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 11Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 12Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 13Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ADAQ8088
Data Sheet
Rev. 0 | Page 14 of 14
OUTLINE DIMENSIONS
A
B
C
D
E
F
87 6
3 2 1
9
10
11
12
13
14
5 4
1.00
REF
0.80
REF
12.10
12.00
11.90
6.10
6.00
5.90
BALL DIAMETER
0.80
BSC
0.80
BSC
4.00
REF
10.40 REF
DETAIL A
0.50
0.45
0.40
1.60
1.50
1.40
0.39
0.35
0.31
SEATING
PLANE
DETAIL A
BOTTOM VIEW
TOP VIEW
SIDE VIEW
A1 BALL
CORNER
A1 BALL
CORNER
0.80 REF
0.40
0.35
0.30
COPLANARITY
0.08
Figure 24. 84-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-84-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Ordering Quantity
Package Description
Package
Option
ADAQ8088BBCZ
−40°C to +85°C
Tray, 280
84-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-84-4
1 Z = RoHS Compliant Part.
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D24140-2/21(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com