Electronic Components Datasheet Search
  English  ▼

X  

ADAQ8088BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADAQ8088BBCZ
Description  Dual-, Differential, Low-Pass Filter 關Module with Gain and ADC Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ8088BBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADAQ8088BBCZ Datasheet HTML 1Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 2Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 3Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 4Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 5Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 6Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 7Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 8Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ADAQ8088
Data Sheet
Rev. 0 | Page 4 of 14
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Analog Inputs
3.5 V
Supply Voltage
3.5 V
Storage Temperature Range
−55°C to +125°C
Junction Temperature
150°C
Lead Temperature Soldering
260°C reflow as per
JEDEC J-STD-020
Electrostatic Discharge (ESD) Ratings
500 V
Human Body Model (HBM)
2k V
Field Induced Charged Device Model
500 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 3. Thermal Resistance
Package
Type1
θJA
(°C/W)
θJC_TOP
(°C/W)
θJC_BOTTOM
(°C/W)
θJB
(°C/W)
ΨJT
(°C/W)
ΨJB
(°C/W)
BC-84-4
33
21.1
12.2
13.7
11
13
1 Test Condition 1: Thermal impedance simulated values are based on use of a
2S2P with vias JEDEC PCB excluding the θJCtop which uses 1S0P JEDEC PCB.
Thermal resistance values specified in table 3 are simulated
based on JEDEC specs (unless specified otherwise) and should
be used in compliance with JESD51-12.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com